Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT-DINAV63LS2AX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV63LS2AX
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV63LS2AX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV63LS2AX Datasheet HTML 4Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
System variables
Equivalent three-phase voltage
Voltage asymmetry
Three-phase reactive power
Neutral current
Three-phase active power
Three-phase apparent power
8
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
Used calculation formulas
Waveform of the signals that can be measured
Figure A
Sine wave, undistorted
Fundamental content
100%
Harmonic content
0%
Arms =
1.1107 | A |
Figure B
Sine wave, indented
Fundamental content
10...100%
Harmonic content
0...90%
Frequency spectrum: 3rd to 16th harmonic
Additional error: <1% FS
Figure C
Sine wave, distorted
Fundamental content
70...90%
Harmonic content
10...30%
Frequency spectrum: 3rd to 16th harmonic
Additional error: <0.5% FS
Accuracy
kWh, accuracy (RDG) depending on the current
Error
6A (Imax)
6A (Imax)
5A (In)
5A (In)
0.25A
(0.05In)
0.5A
(0.1In)
0.10A
(0.02In)
0.25A
(0.05In)
0%
+2.5%
Class 2 accuracy limits (Active energy) EN62053-21
5(6A) Start-up current: 10mA
kvarh, accuracy (RDG) depending on the current
Error
0%
+4%
Class 3 accuracy limits (Reactive energy) EN62053-23
5(6A) Start-up current: 10mA
PF=1
PF=L0.5
or C0.8
6A (Imax)
6A (Imax)
5A (In)
5A (In)
0.25A
(0.05In)
0.5A
(0.1In)
0.1A
(0.02In)
0.25A
(0.05In)
sin
ϕ=1
sin
ϕ=0.5
Phase variables
Instantaneous effective voltage
Instantaneous active power
Instantaneous power factor
Instantaneous effective current
Instantaneous apparent power
Instantaneous reactive power
Energy metering
Where:
i= considered phase (L1, L2 or L3)
P= active power; Q= reactive power;
t1, t2 =starting and ending time points
of consumption recording; n= time
unit;
∆t= time interval between two
successive power consumptions;
n1, n2 = starting and ending discrete
time points of consumption recording
An = AL1+AL2+AL3
+2%
+1.5%
+1%
+1.5%
-1.5%
PF=1
PF=L0.5
or C0.8
+2.5%
+2%
+3%
+2.5%
+2%
+1.5%
+1%
+ 1%
- 1%
+4%
+3%
+2.5%
+2%
∑
−
=
LL
LL
L L
LL
V
V
V
AS Y
)
(
min
m ax
Three-phase power factor
(TPF)
∑
−
=
LN
LN
LN
LN
V
V
V
ASY
)
(
min
max
Class 2
Class 1 (typ)
Class 2 (typ)
Class 2
Class 3
Class 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com