Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1403 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1403
Description  Precision 2.50V Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1403 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1403 Datasheet HTML 1Page - National Semiconductor (TI) LM1403 Datasheet HTML 2Page - National Semiconductor (TI) LM1403 Datasheet HTML 3Page - National Semiconductor (TI) LM1403 Datasheet HTML 4Page - National Semiconductor (TI) LM1403 Datasheet HTML 5Page - National Semiconductor (TI) LM1403 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 7)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Input Voltage
40V
Power Dissipation
600 mW
Output Short-Circuit Duration
Continuous
Storage Temperature Range
b
60 Cto a150 C
Operating Temperature Range
0 Cto a70 C
Lead Temperature (Soldering 10 sec)
260 C
ESD rating to be determined
Electrical Characteristics (Note 1)
LM1403 LM1403A
Tested
Design
Units
Parameter
Conditions
Typical
Limit
Limit
(Max Unless
(Note 2)
(Note 3)
Noted)
VOUT
a
2500
V
VOUT Error LM1403
g
005
g
10
%
LM1403A
g
004
g
04
%
Line Regulation
45V s VIN s 40V
02
3
mV
Load Regulation (Note 8)
0 mA s ISOURCE s 10 mA
15
10
mV
Thermal Regulation
T e 20 ms (Note 4)
g
0005
g
002
%100 mW
Quiescent Current
IL e 0 mA
0350
150
mA
Change of Quiescent Current vs VIN
50V s VIN s 30V
3
m
AV
Temperature Coefficient
of VOUT (see graph) LM1403A
0 C s TA s 70 C
g
11
g
25
ppm C
(Note 5)
LM1403
0 C s TA s 70 C
g
15
g
40
ppm C
Short Circuit Current
VOUT e 0
30
70
100
mA
Noise
01 Hz – 10 Hz
12
m
Vp-p
100 Hz – 10 kHz
420
nV
0Hz
Note 1
Unless otherwise noted these specifications apply TA e 25 C 49V s VIN s 155V 0 s ILOAD s 05 mA 0s CL s 200 pF
Note 2
Tested Limits are guaranteed and 100% tested in production
Note 3
Design Limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage ranges These limits are used to
calculate outgoing quality levels
Note 4
Thermal Regulation is defined as the change in the output Voltage at a time T after a step change in power dissipation of 100 mW
Note 5
Temperature Coefficient of VOUT is defined as the worst case delta-VOUT measured at Specified Temperatures divided by the total span of the Specified
Temperature Range (See graphs) There is no guarantee that the Specified Temperatures are exactly at the minimum or maximum deviation
Note 6
Thermal Resistance is 160 CW junction to ambient soldered into a PC board
Note 7
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its Rated Operating Conditions (see Note 1 and Conditions)
Note 8
Load regulation is measured on the output pin at a point
below the base of the package Regulation is measured at constant junction temperature
using pulse testing with a low duty cycle Changes in output voltage due to heating effects are covered under the specification for thermal regulation
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com