Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5526TLX Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TLX
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TLX Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP5526TLX Datasheet HTML 14Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 15Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 16Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 17Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 18Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 19Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 20Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 21Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Functionality of Color LED
Outputs (RLED, GLED, BLED)
(Continued)
FLASH SAFETY TIMER FUNCTION
Flash safety function can be used to prevent damages due
to possible overheating when flash or RGB LEDs have been
stuck on because of software or user error. Safety function
has two operation modes:
1.
Disabling selected RGB drivers when no writing has
been done to the RGB max current register (address
02H) for 1 second
2.
Disabling selected RGB drivers if the external flash trig-
ger pulse is longer than 1 second
Flash safety function can be individually enabled for all RGB
LED drivers (EN_SAFETY_R, EN_SAFETY_G, EN_SAFE-
TY_B). The safety function operation mode depends on the
state of EN_FLASH bit.
1.
EN_FLASH = 0: Safety counter starts counting when at
least one of the EN_SAFETY_X bits is enabled. Safety
counter can be cleared by executing an I
2C read or write
sequence to address 02H. If safety counter reaches one
second, the LEDs which have the safety function en-
abled, are switched off. Also the read-only bit SAFETY-
_SET is set high.
2.
EN_FLASH = 1: Safety counter starts counting when the
external flash trigger pulse starts (GPIO[0]/PWM goes
high) and stops counting when flash pulse stops
(GPIO[0]/PWM goes low). If flash pulse is longer than
one second, the LEDs which have the safety function
enabled, are switched off. Also the read-only bit SAFE-
TY_SET is set high.
In both cases (EN_FLASH = 0/1) after one second is
reached and the LEDs which safety bit has been enabled are
switched off, the LED state can be restored by disabling the
safety function of the corresponding LED. Counter can be
cleared only by disabling all safety bits (EN_SAFETY_R = 0,
EN_SAFETY_G = 0, EN_SAFETY_B = 0), I
2C read or write
sequence to address 02H does not clear the counter when
safety function has been activated.
RGB LEDs Driver Performance Characteristics
Symbol
Parameter
Condition
Min
Typ
Max Units
I
LEAKAGE
RLED, GLED, BLED pin leakage current
1
µA
I
MAX(RGB)
Maximum recommended sink current
CC mode
50
mA
SW mode
60
mA
Accuracy @ 50mA
CC mode
5
12.5
%
Current mirror ratio
CC mode
1:100
RGB current matching error
I
RGB set to 50mA, CC mode
2
%
R
SW
Switch resistance
SW mode
3.2
Ω
ƒ
RGB
RGB internal PMW switching frequency
Accuracy same as internal clock
frequency accuracy
20
kHz
V
SAT
Saturation voltage (current drop 10%)
+25oC, I
RGB set to 50mA
-30oC
+85oC
230
350
mV
300
430
Note: RGB current should be limited as follows:
constant current mode – limited by external RRGB resistor
switch mode – limited by external ballast resistors
Output Current vs Pin Voltage (CC Mode)
Output Current vs R
RGB (CC Mode)
20179705
20179706
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com