Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP330
Description  Power Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP330 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
MP312 and MP330 Power Film Resistors
Type MP Chassis Mounted Power Film Resistors are made with Micronox®
resistance films fired onto a ceramic substrate which is thermally bonded to an
anodized aluminum base. By mounting this assembly directly to a metal
surface for improved heat transfer, the high power capabilities of these unique
resistors can provide increased packaging densities in many types of
electronic equipment.
The special performance features of these Type MP Chassis Mounted
Power Film Resistors include:
• Two case sizes that provide 15 Watt and 30 Watt ratings.
• Operation up to 275°C.
• Single screw mounting to simplify attachment to the chassis or other heat
conducting surface.
• A molded silicone case that encapsulates the resistor assembly to meet
stringent environmental specifications.
• Extended life stability better than 0.01% per 1,000 hours has been
demonstrated through a 51/2 year, 50,000 hour program of continuous
load life testing.
Specifications:
Resistance Tolerance: ±1% (other tolerances
on special order).
Insulation Resistance: 10,000 Megohms min.
Terminal Strength: Mil-Std-202, Method 211,
Cond. A (Pull Test) 5 lbs., and Cond. B (Bend
Test), ΔR 0.2% max. or 0.2 ohm max., whichever
is greater.
Thermal Shock: Mil-R-39009, ΔR 0.5% max. or
0.2 ohm max., whichever is greater.
Momentary Overload: 2 times rated power with
applied voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds,
Δ
R 0.5% max. or 0.2 ohm max., whichever is
greater.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.5% max. or 0.2 ohm max., whichever is
greater.
Load Life: Mil-R-39009, 1,000 hours at rated
power, ΔR 1% max. or 0.2 ohm max., whichever
is greater. Power rating dependent upon chassis
area. See power rating graphs.
Shock, Medium Impact: 50G, Mil-Std-202,
Method 205, Cond. C.
Vibration, High Frequency: Mil-Std-202,
Method 204, Cond. B, ΔR 0.2% max. or 0.2 ohm
max., whichever is greater, through shock and
vibration sequence.
Terminals: Gold Plated Solder Lugs.
Chassis Mounted Precision Power Film Resistors with Center Screw Mounting
Stacked Type MP Power Film Resistor Assemblies
Stacked Type MP assemblies - constructed by bolting
resistors between aluminum heat dissipating plates - provide a
simple means of further improving packaging densities.
These charts of power ratings versus air flow and chassis
area show the high power levels that can be achieved with
forced air cooling and with convection cooling in either vertical or
horizontal orientation.
AIR FLOW (CFM)/EACH RESISTOR
10
4
2
0
.2 .3 .4
.7 1
2 3 4
7 10
20 30
6
8
12
14
16
18
FOR STACKED MP312 POWER RESISTORS
CONVECTION COOLING -
PLATES IN HORIZONTAL PLANE
CONVECTION COOLING -
PLATES IN VERTICAL PLANE
Data is for 25°C air at 1 atmosphere,
ducted around resistors in the stack
with 2" x 2" x .04" aluminum plates
between resistors. To derive total
airflow required for stack, multiply
airflow/each resistor by the number
of resistors in the stack. Ducting is
not required when designing for
convection.
CHASSIS AREA (SQ. IN.)
15
5
0
2
4 6 10
20
40 60 100
10
20
25
30
FOR CHASSIS MOUNTED SINGLE RESISTORS
Data is for 25°C still air at
1 atmosphere. Chassis material:
Aluminum, .040" thick.
1
Model
No.
MP
330
Model No.
MP312
POWER RATING
POWER RATING
C
CADDOCK
100
1%
MP312
15 W
40°
±
3°
D - HOLE FOR MOUNTING
B
2
B
A
ALUMINUM BASE
DIMENSIONS IN INCHES AND (MILLIMETERS)
.188 (4.78)
Dielect.
Strength
Watt-
age †
Model
No.
C
Dimensions in inches and (millimeters)
Resistance
Min.
MP312
.185 (4.70)
15
600
50
10 Ω 200 K
High
Temp
TC ††
Max.
Max.
Voltage
300
B
A
.600 (15.24)
.250 (6.35)
.250 (6.35)
.850 (21.59)
MP330
30
1,000
50
10 Ω 200 K
450
.142 (3.61)
.092 (2.34)
D
†† TC: 50 ppm/°C referenced to +25°C, ΔR
taken at +150°C and +275°C. (Low temp.
TC will be nominally -85 ppm/°C at -55°C.
See typical R-T curve.)
† MP312 15 Watt power rating based on chassis mounting on a
6" X 4" X 2" X .040" aluminum chassis, MP312 free air rating is
2.5 Watts at 25°C. MP330 30 Watt power rating based on
chassis mounting on a 7"X 5" X 2" X .040" aluminum chassis,
MP330 free air rating is 5.0 Watts at 25°C.
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125
175
225
275
TEMPERATURE, °C
2
1
0
-1
0
50
100 150 200
-55
250
TYPICAL R-T CURVE
DERATING CURVE
28_IL123.1004


Similar Part No. - MP330

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3301 MPS-MP3301 Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3301GJ MPS-MP3301GJ Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Riedon Powertron
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
Power SMD Film Resistors
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
Power Thin film Resistors
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
Power Thun Film Resistors
TNP50S ETC2-TNP50S Datasheet
1Mb / 2P
Power Thun Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
80Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Riedon Powertron
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-5KF1 RIEDON-PFS35-5KF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com