Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4-5-B Datasheet(PDF) 3 Page - CUI Devices

Part # SD4-5-B
Description  SD 4.0 CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD4-5-B Datasheet(HTML) 3 Page - CUI Devices

  SD4-5-B Datasheet HTML 1Page - CUI Devices SD4-5-B Datasheet HTML 2Page - CUI Devices SD4-5-B Datasheet HTML 3Page - CUI Devices SD4-5-B Datasheet HTML 4Page - CUI Devices SD4-5-B Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: SD4-5-B | DESCRIPTION: SD 4.0 CARD CONNECTOR
date 10/26/2023 | page 3 of 5
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
Recommended PCB Layout
Top View
PIN CONNECTIONS
CONNECTOR
PIN#
SD CARD
PIN#
SD MODE
UHS-II MODE
SIGNAL
NAME
TYPE
DESCRIPTION
SIGNAL
NAME
TYPE
DESCRIPTION
P1
10
-
-
NOT USED
VSS3
S
SUPPLY VOLTAGE GROUND
P2
9
DAT2
I/O/PP
DATA LINE (BIT 2)
-
-
NOT USED
P3
11
-
-
NOT USED
D0+
LVDS
D0+
P4
1
CD/DAT3
I/O/PP
CARD DETECT/DATA LINE (BIT 3)
-
-
NOT USED
P5
12
-
-
NOT USED
DO-
LVDS
D0-
P6
2
CMD
PP
COMMAND/RESPONSE
-
-
NOT USED
P7
CD
CD
-
CARD DETECT SWITCH
CD
-
CARD DETECT SWITCH
P8
3
VSS1
S
SUPPLY VOLTAGE GROUND
VSS1
S
SUPPLY VOLTAGE GROUND
P9
13
-
-
NOT USED
VSS4
S
SUPPLY VOLTAGE GROUND
P10
14
-
-
NOT USED
VDD2
S
SUPPLY VOLTAGE (1.8 V)
P11
4
VDD
S
SUPPLY VOLTAGE
VDD1
S
SUPPLY VOLTAGE (3.3 V)
P12
15
-
-
NOT USED
D1-
LVDS
D1-
P13
5
CLK
I
CLOCK
-
-
NOT USED
P14
16
-
-
NOT USED
D1+
LVDS
D1+
P15
6
VSS2
S
SUPPLY VOLTAGE GROUND
VSS2
S
SUPPLY VOLTAGE GROUND
P16
17
-
-
NOT USED
VSS5
S
SUPPLY VOLTAGE GROUND
P17
7
DAT0
I/O/PP
DATA LINE (BIT 0)
RCLK+
I
RCLK+
P18
8
DAT1
I/O/PP
DATA LINE (BIT 1)
RCLK-
I
RCLK-
P19
WP
WP
-
WRITE PROTECT
WP
-
WRITE PROTECT
GND
-
-
-
COVER GROUND
-
-
COVER GROUND
CARD STATUS
WITHOUT CARD
CARD INSERTED
P7
P8
P7
P8
WRITE PROTECTION
WRITE
PROTECTED
WRITE ENABLE
P19
GND P19
GND
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com