Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS40 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS40
Description  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS40 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS40 Datasheet HTML 1Page - Hongfa Technology HFS40 Datasheet HTML 2Page - Hongfa Technology HFS40 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Q^_i PNPQ2LM fh_dj[Z Y_hYk_j XeWhZ cekdj PPO fhel_Z[i DC
ekjfkj im_jY^_d] _d W ^_]^ Z[di_jo fWYaW][3 Q^[ HFP95-i DC
_dfkj _i YecfWj_Xb[ m_j^ :167 WdZ 79S be]_Y ioij[ci3 Q^[ h[bWoi
_dYbkZ[ W JED _dZ_YWjeh je fhel_Z[ _dfkj ijWjki _d\ehcWj_ed3 Q^[
h[bWoi fhel_Z[ 7:55SAC efje 2_iebWj_ed1 X[jm[[d _dfkj WdZ
ekjfkj3 EdYWfikbWj_ed1 j^[hcWbbo YedZkYj_l[ [feno3
v
I4M _dj[h\WY[
v
Nhe]hWccWXb[ Yedjhebb[hi
PebZ[h_d] ckij X[ Yecfb[j[Z m_j^_d 65 i[YedZi Wj 7;5
eh b[ii eh m_j^_d : i[YedZi Wj 8:5 eh b[ii3
Q^[ PPO YWi[ i[hl[i je Z_ii_fWj[ ^[Wj3bdijWbb j^[ h[bWoi ie
j^Wj j^[o Wh[ WZ[gkWj[bo l[dj_bWj[Z3b\ feeh l[dj_bWj_ed _i
kdWle_ZWXb[1h[ZkY[ j^[ beWZ Ykhh[dj Xo ^Wb\3
T^[d ki_d] j^[ HFP95 i[h_[i \eh W DC beWZ m_j^ W f[Wa
lebjW][ e\ ceh[ j^Wd hWj[Z lebjW][1 Yedd[Yj j^[ beWZ j[hc_dWbi
e\ j^[ h[bWo je Wd _dhki^ WXiehX[h.lWh_ijeh/3
B[\eh[ Yedd[Yj_d] W beWZ j^Wj ][d[hWj[i W ^_]^ ikh][ Ykhh[dj1
ikY^ Wi W bWcf beWZ je j^[ PPO1 cWa[ ikh[ j^Wj j^[ PPO
YWd m_j^ijWdZ j^[ ikh][ Ykhh[dj e\ j^[ beWZ3
Q^[ fheZkYj ZWjW i^[[j i^emi j^[ ded2h[f[j_j_l[ f[Wa lWbk[
e\ j^[ ikh][ Ykhh[dj j^Wj \bemi j^hek]^ j^[ PPO3 LehcWbbo1
ki[ 647 j^[ ded2h[f[j_j_l[ f[Wa ikh][ Ykhh[dj Wi j^[ ijWdZWhZ
lWbk[3
b\ W ikh][ Ykhh[dj [nY[[Z_d] j^Wj lWbk[ _i [nf[Yj[Z1Yedd[Yj
W gk_Ya2Xbem_d] \ki[ je fhej[Yj j^[ PPO3
Cedjheb lebjW][ hWd][
Kkij ef[hWj[ lebjW][
Kkij h[b[Wi[ lebjW][
KWn3 h[l[hi[
fhej[Yj_ed lebjW][
KWn3 _dfkj Ykhh[dj
JeWZ
PPO
AcX_[dj
j[cf[hWjkh[
HMLGFA OEJAV
2GDRSPGQ
;<1/-?>5:9=
IdikbWj_ed h[i_ijWdY[
. _dfkj je ekjfkj /
KWn3 YWfWY_jWdY[
. _dfkj je ekjfkj /
D_[b[Yjh_Y ijh[d]j^
8<
63
73
83
93
:3
IPM>556uIPM4QP6;>9> uIPM69556uMHPAP6=556 CEOQIFIED
755< O[l3 6355
42=*|x63B{*|2y
01=/<5;>5:9
9 je ;SDC
>3; je 6939SDC
6>37 je 7=3=SDC
9SDC
>3;SDC
6>37SDC
635SDC
2;SDC
26939SDC
27=3=SDC
75cA
5:D
67D
79D
5:D
67D
79D
5:D
67D
79D
5:D
67D
79D
-;;75/->5:9=
:5D? 8 je :73=SDC
655D? 8 je 67:SDC
5356 je 7A
=A
536cA
63:Shci
6ci
6ci
:5D? =5Sfa
655D? 67:Sfa
JeWZ Ykhh[dj hWd][
KWn3 ikh][ Ykhh[dj .65ci/
KWn3 b[WaW][ Ykhh[dj
KWn3 ed2ijWj[ lebjW][ Zhef
KWn3 jkhd2ed j_c[
KWn3 jkhd2e\\ j_c[
=:750 =>->1 <17-C
59;?> .QA@7: /
:?>;?> .QA@7: /
3191<-7 .QA@7: /
P^eYa h[i_ijWdY[
Mf[hWj_d]
PjehW][
AcX_[dj ^kc_Z_jo
Rd_j m[_]^j
7:55S Z_[b[Yjh_Y ijh[d]j^
JED ijWjki _dZ_YWjeh
N^eje _iebWj_ed
B_febWh jhWdi_ijeh ekjfkj
Nh_dj[Z Y_hYk_j XeWhZ cekdj
OeHP Yecfb_Wdj
7:55SAC1 :54;5Hp1 6c_d
6555K .Wj :55SDC/
:fF
6555c4i7
285eCje=5eC
285eCje655eC
9:, je =:, OH
Affhen3 6=]
v
v
v
v
v
v
JeWZ lebjW][ hWd][
KWn3 jhWdi_[dj el[hlebjW][


Similar Part No. - HFS40

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HFS400G32MEB-2420A HYNIX-HFS400G32MEB-2420A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Hongfa Technology
HFS405D0M HONGFA-HFS405D0M Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS405D0T HONGFA-HFS405D0T Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS405D1M HONGFA-HFS405D1M Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS405D1T HONGFA-HFS405D1T Datasheet
76Kb / 3P
SOLID STATE RELAY
More results

Similar Description - HFS40

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com