Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8043H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8043H
Description  Satellite Demodulator and Decoder SDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043H Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8043H Datasheet HTML 1Page - NXP Semiconductors TDA8043H Datasheet HTML 2Page - NXP Semiconductors TDA8043H Datasheet HTML 3Page - NXP Semiconductors TDA8043H Datasheet HTML 4Page - NXP Semiconductors TDA8043H Datasheet HTML 5Page - NXP Semiconductors TDA8043H Datasheet HTML 6Page - NXP Semiconductors TDA8043H Datasheet HTML 7Page - NXP Semiconductors TDA8043H Datasheet HTML 8Page - NXP Semiconductors TDA8043H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Feb 13
2
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
FEATURES
• One-chip Digital Video Broadcasting (DVB) compliant
demodulator and concatenated Viterbi/Reed-Solomon
decoder with de-interleaver and de-randomizer
• 3.3 V supply voltage (up to 5 V allowed)
• Internal clock divider
• On-chip crystal oscillator
• QPSK/BPSK demodulator:
– Interpolator to handle variable symbol rates without
an external anti-aliasing filter
– On-chip Automatic Gain Control (AGC) of the analog
input I and Q baseband signals or tuner AGC control
– Two on-chip matched Analog-to-Digital Converters
(ADCs; 7 bits)
– Square-Root Raised-Cosine Nyquist filter with
programmable roll-off factor
– High maximum symbol frequency: 32 Msymbols/s
– Can be used at low channel Es/No
(Symbol energy-to-noise ratio)
– Internal carrier recovery, clock recovery and AGC
loops with programmable loop filters
– Two carrier recovery loops enabling phase tracking of
the incoming symbols
– Different modulation schemes: Quadrature Phase
Shift Keying (QPSK) and Binary-Phase Shift Keying
(BPSK)
– Signal-to-noise ratio (S/N) estimation
– External indication of demodulator lock.
• Viterbi decoder:
– Rate 1
⁄2 convolutional code based
– Constraint length K = 7 with G1 = 171oct and
G2 = 133oct
– Supported puncturing code rates: 1
⁄2, 2⁄3, 3⁄4, 4⁄5, 5⁄6,
6
⁄7, 7⁄8 and 8⁄9
– 4 bits ‘soft decision’ inputs for both I and Q
– Truncation length: 144
– Automatic synchronization to correct puncturing rate
and spectral inversion
– Channel Bit Error Rate (BER) estimation from
10−2 to 10−8
– External indication of Viterbi synchronization lock
– Differential decoding supported.
• Reed-Solomon (RS) decoder:
– (204, 188 and T = 8) Reed Solomon code
– Automatic (I2C-bus configurable) synchronization of
bytes, transport packets and frames
– Internal convolutional de-interleaving (I = 12; using
internal memory)
– De-randomizer based on Pseudo Random Binary
Sequence (PRBS)
– External indication of RS decoder sync lock
– External indication of uncorrectable errors (transport
error indicator is set)
– Indication of the number of lost blocks
– Indication of the number of corrected blocks/bytes.
• I2C-bus interface:
–I2C-bus interface initializes and monitors the
demodulator and Forward Error Correction (FEC)
decoder with standby mode; when no I2C-bus is
used, default mode is defined
– 4-bit I/O expander for flexible access to and from the
I2C-bus
–I2C-bus configurable interrupt pin
– Standby mode for reduced power consumption.
• Package: QFP100
• Boundary scan test.
APPLICATIONS
• Demodulation and FEC for digital satellite TV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com