Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP608TI/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP608TI/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP608TI/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP608TI/P Datasheet HTML 1Page - Microchip Technology MCP608TI/P Datasheet HTML 2Page - Microchip Technology MCP608TI/P Datasheet HTML 3Page - Microchip Technology MCP608TI/P Datasheet HTML 4Page - Microchip Technology MCP608TI/P Datasheet HTML 5Page - Microchip Technology MCP608TI/P Datasheet HTML 6Page - Microchip Technology MCP608TI/P Datasheet HTML 7Page - Microchip Technology MCP608TI/P Datasheet HTML 8Page - Microchip Technology MCP608TI/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2005 Microchip Technology Inc.
DS11177D-page 1
MCP606/7/8/9
Features
• Low Input Offset Voltage: 250 µV (max.)
• Rail-to-Rail Output
• Low Input Bias Current: 80 pA (max. at 85°C)
• Low Quiescent Current: 25 µA (max.)
• Power Supply Voltage: 2.5V to 5.5V
• Unity-Gain Stable
• Chip Select (CS) Capability: MCP608
• Industrial Temperature Range: -40°C to +85°C
• No Phase Reversal
• Available in Single, Dual and Quad Packages
Typical Applications
• Battery Power Instruments
• High-Impedance Applications
- Photodiode Amplifier
- pH Probe Buffer Amplifier
- Infrared Detectors
- Precision Integrators
- Charge Amplifier for Piezoelectric
Transducers
• Strain Gauges
• Medical Instruments
• Test Equipment
Available Tools
• SPICE Macro Models (at www.microchip.com)
•FilterLab® Software (at www.microchip.com)
Typical Application
Description
The MCP606/7/8/9 family of operational amplifiers (op
amps) from Microchip Technology Inc. are unity-gain
stable
with
low
offset
voltage
(250 µV,
max.).
Performance characteristics include rail-to-rail output
swing capability and low input bias current (80 pA at
+85°C, max.). These features make this family of op
amps well suited for single-supply, precision, high-
impedance, battery-powered applications.
The single MCP606 is available in standard 8-lead
PDIP, SOIC and TSSOP packages, as well as in a
SOT-23-5 package. The single MCP608 with Chip
Select (CS) is offered in standard 8-lead PDIP, SOIC
and TSSOP packages. The dual MCP607 is offered in
standard 8-lead PDIP, SOIC and TSSOP packages.
Finally, the quad MCP609 is offered in standard
14-lead PDIP, SOIC and TSSOP packages. All devices
are fully specified from -40°C to +85°C, with power
supplies from 2.5V to 5.5V.
Package Types
Low-Side Battery Current Sensor
RF
To Load
2.5V
RG
MCP606
5k
Ω
50 k
Ω
To Load
VOUT
RSEN
10
Ω
(VLM)
(VLP)
IL
to
5.5V
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
MCP606
PDIP, SOIC,TSSOP
MCP607
PDIP, SOIC,TSSOP
MCP608
PDIP, SOIC,TSSOP
MCP609
PDIP, SOIC,TSSOP
MCP606
SOT-23-5
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
VINA+
VINA–
VDD
VIND–
VIND+
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINB–
VINB+
VOUTB
VINC+
VINC–
5
6
7
10
9
8 VOUTC
2.5V to 5.5V Micropower CMOS Op Amps


Similar Part No. - MCP608TI/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP608T MICROCHIP-MCP608T Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP608T MICROCHIP-MCP608T Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP608T MICROCHIP-MCP608T Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP608T-I/SN MICROCHIP-MCP608T-I/SN Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP608T-I/SN MICROCHIP-MCP608T-I/SN Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
More results

Similar Description - MCP608TI/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP616 MICROCHIP-MCP616 Datasheet
580Kb / 36P
2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP616 MICROCHIP-MCP616_08 Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606 MICROCHIP-MCP606 Datasheet
709Kb / 36P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
06/01/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com