Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8083 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8083
Description  Satellite Demodulator and Decoder SDD3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8083 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8083 Datasheet HTML 1Page - NXP Semiconductors TDA8083 Datasheet HTML 2Page - NXP Semiconductors TDA8083 Datasheet HTML 3Page - NXP Semiconductors TDA8083 Datasheet HTML 4Page - NXP Semiconductors TDA8083 Datasheet HTML 5Page - NXP Semiconductors TDA8083 Datasheet HTML 6Page - NXP Semiconductors TDA8083 Datasheet HTML 7Page - NXP Semiconductors TDA8083 Datasheet HTML 8Page - NXP Semiconductors TDA8083 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Jul 28
4
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder
(SDD3)
TDA8083
QUICK REFERENCE DATA
Notes
1. Typical value is specified for a symbol rate of 27.5 Msymbols/s, a puncture rate of 3
⁄4 and a supply voltage of 3.3 V.
Maximum value is specified for a symbol rate of 30 Msymbols/s, a puncture rate of 7
⁄8, a supply voltage of 3.6 V and
using a 4 MHz crystal.
2. Implementation loss at the demodulator output and minimum SNR to lock the TDA8083 are measured including tuner
in a laboratory environment at a symbol rate of 27.5 MS/s.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.0
3.3
3.6
V
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDD(tot)
total supply current
note 1
−
270
340
mA
fclk(int)
internal clock frequency
−−
64
MHz
rs
symbol rate
12
−
30
Msymbols/s
α
ro
Nyquist roll-off
−
35
−
%
IL
implementation loss
note 2
−
0.3
−
dB
S/R
signal-to-noise ratio
locking the SDD in
QPSK mode; note 2
2
−−
dB
Ptot
total power dissipation
Tamb =70 °C; note 1 −
890
1220
mW
Tstg
storage temperature
−55
−
+150
°C
Tamb
ambient temperature
0
−
70
°C
Tj
junction temperature
Tamb =70 °C
−−
125
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8083H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm); body
14
× 20 × 2.8 mm
SOT317-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com