Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP607I/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP607I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP607I/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP607I/P Datasheet HTML 11Page - Microchip Technology MCP607I/P Datasheet HTML 12Page - Microchip Technology MCP607I/P Datasheet HTML 13Page - Microchip Technology MCP607I/P Datasheet HTML 14Page - Microchip Technology MCP607I/P Datasheet HTML 15Page - Microchip Technology MCP607I/P Datasheet HTML 16Page - Microchip Technology MCP607I/P Datasheet HTML 17Page - Microchip Technology MCP607I/P Datasheet HTML 18Page - Microchip Technology MCP607I/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2005 Microchip Technology Inc.
DS11177D-page 15
MCP606/7/8/9
5.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP606/7/8/9 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP606/7/8/9
op
amps
is
available
on
our
web
site
at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the
model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
The FilterLab software is an innovative tool that
simplifies analog active-filter (using op amps) design. It
is available free of charge from our web site at
www.microchip.com.
The
FilterLab
software
tool
provides full schematic diagrams of the filter circuit with
component values. It also outputs the filter circuit in
SPICE format, which can be used with the macro
model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com