Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP608I/P Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP608I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP608I/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP608I/P Datasheet HTML 22Page - Microchip Technology MCP608I/P Datasheet HTML 23Page - Microchip Technology MCP608I/P Datasheet HTML 24Page - Microchip Technology MCP608I/P Datasheet HTML 25Page - Microchip Technology MCP608I/P Datasheet HTML 26Page - Microchip Technology MCP608I/P Datasheet HTML 27Page - Microchip Technology MCP608I/P Datasheet HTML 28Page - Microchip Technology MCP608I/P Datasheet HTML 29Page - Microchip Technology MCP608I/P Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2005 Microchip Technology Inc.
DS11177D-page 27
MCP606/7/8/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP606
= Single Op Amp
MCP606T = Single Op Amp
Tape and Reel (SOIC, TSSOP)
MCP607
= Dual Op Amp
MCP607T = Dual Op Amp
Tape and Reel (SOIC, TSSOP)
MCP608
= Single Op Amp with CS
MCP608T = Single Op Amp with CS
Tape and Reel (SOIC, TSSOP)
MCP609
= Quad Op Amp
MCP609T = Quad Op Amp
Tape and Reel (SOIC, TSSOP)
Temperature Range
I
=
-40
°C to +85°C
Package
OT
=
Plastic SOT-23, 5-lead
P
=
Plastic DIP (300 mil Body), 8-lead & 14-lead
SN
=
Plastic SOIC (150 mil Body), 8-lead
SL
=
Plastic SOIC (150 mil Body), 14-lead
ST
=
Plastic TSSOP, 8-lead & 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP606-I/P:
Industrial Temperature,
8LD PDIP package.
b)
MCP606-I/SN:
Industrial Temperature,
8LD SOIC package.
c)
MCP606T-I/SN: Tape and Reel,
Industrial Temperature,
8LD SOIC package.
d)
MCP606-I/ST:
Industrial Temperature,
8LD TSSOP package.
e)
MCP606-I/OT:
Industrial Temperature,
5LD SOT-23 package.
f)
MCP606T-I/OT: Tape and Reel,
Industrial Temperature,
5LD SOT-23 package.
a)
MCP607-I/P:
Industrial Temperature,
8LD PDIP package.
b)
MCP607T-I/P:
Industrial Temperature,
8LD PDIP package.
a)
MCP608-I/SN:
Industrial Temperature,
8LD SOIC package.
b)
MCP608T-I/SN: Tape and Reel,
Industrial Temperature,
8LD SOIC package.
a)
MCP609-I/P:
Industrial Temperature,
14LD PDIP package.
b)
MCP609T-I/P:
Industrial Temperature,
14LD PDIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com