Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23016-I/ML Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP23016-I/ML
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/ML Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP23016-I/ML Datasheet HTML 11Page - Microchip Technology MCP23016-I/ML Datasheet HTML 12Page - Microchip Technology MCP23016-I/ML Datasheet HTML 13Page - Microchip Technology MCP23016-I/ML Datasheet HTML 14Page - Microchip Technology MCP23016-I/ML Datasheet HTML 15Page - Microchip Technology MCP23016-I/ML Datasheet HTML 16Page - Microchip Technology MCP23016-I/ML Datasheet HTML 17Page - Microchip Technology MCP23016-I/ML Datasheet HTML 18Page - Microchip Technology MCP23016-I/ML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 15
MCP23016
1.9.3
READING THE REGISTERS
To read a MCP23016 register, the Master needs to
follow the requirements shown in Figure 1-6. First, the
device is selected by sending the slave address and
setting the R/W bit to logic ‘0’. The command byte is
sent after the address and determines which register
will be read. A restart condition is generated and the
device address is sent again with the R/W bit set to
logic ‘1’. The data register defined by the command
byte will be sent first, followed by the other register in
the register pair. The logic for register selection is the
same as explained in Write mode (Section 1.9.2,
“Writing the Registers”).
The falling edge of the ninth clock initiates the register
read action. The SCL clock will be held low while the
data is read from the register and is transferred to the
I2C bus control block by the Serializer/Deserializer
block.
The MCP23016 holds the clock low after the falling
edge of the ninth clock pulse. The configuration
registers (or port control registers) are read and the
value is stored. Finally, the clock is released to enable
the next transmission.
There is no limitation on the number of data bytes in
one read transmission. Figure 1-8 shows the case of
multiple byte read in one read operation. In this case,
the multiple writes are made to the same data pair.
FIGURE 1-6:
READ FROM
CONFIGURATION
REGISTER
Note:
The bus must remain free until after the
ninth clock pulse for a minimum of 12 µs
(see Table 2-5 and Figure 2-4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com