Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C65 Datasheet(PDF) 12 Page - Microchip Technology

Part # 24C65
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24C65 Datasheet HTML 8Page - Microchip Technology 24C65 Datasheet HTML 9Page - Microchip Technology 24C65 Datasheet HTML 10Page - Microchip Technology 24C65 Datasheet HTML 11Page - Microchip Technology 24C65 Datasheet HTML 12Page - Microchip Technology 24C65 Datasheet HTML 13Page - Microchip Technology 24C65 Datasheet HTML 14Page - Microchip Technology 24C65 Datasheet HTML 15Page - Microchip Technology 24C65 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
24AA65/24LC65/24C65
DS21073J-page 12
 2003 Microchip Technology Inc.
FIGURE 8-1:
CONTROL SEQUENCE BIT ASSIGNMENTS
A
1
Control Byte
A
2
A
0 R/W
0
1
0
1
A
10
Address Byte 1
A
11
A
9
A
8
0
0
S
A
7
A
0
•
•
•
Address Byte 0
Slave
Address
Device
Select
Bits
•
•
•
A
12
B
2
Configuration Byte
B
3
B
1
B
0
X
R
X
Block
Count
S/HE
A
1
A
2
A
0
0
1
0
1
X
XX X
X
X
1
X
Starting Block
Number
S
t
a
r
t
0
X
XX X
X
X
X
X
A
C
K
X
XX X
X
1
1
X
A
C
K
B
2
B
3
B
1
B
0
1
1
1
1
N
2
N
3
N
1
N
0
1
1
1
1
Number of
Blocks to
Protect
S
t
o
p
A
C
K
No
ACK
Data from Device
Acknowledge
from
Master
Data from Device
Acknowledges from Device
A
1
A
2
A
0
0
1
0
1
B
1
B
2
B
0
X
X
X
1
B
3
S
t
a
r
t
0
X
XX X
X
X
X
X
N
2
N
3
N
1
N
0
X
0
1
X
A
C
K
S
t
o
p
Acknowledges from Device
A
1
A
2
A
0
A
C
K
0
1
0
1
X
XX X
X
X
1
X
High Endurance
Block Number
S
t
a
r
t
0
X
XX X
X
X
X
X
A
C
K
X
XX X
X
1
0
X
A
C
K
B
2
B
3
B
1
B
0
1
1
1
1
S
t
o
p
A
C
K
No
ACK
Data from Device
Acknowledges from Device
A
1
A
2
A
0
A
C
K
0
1
0
1
B
1
B
2
B
0
X
X
X
1
B
3
S
t
a
r
t
0
X
XX X
X
X
X
X
A
C
K
0
00 0
X
0
0
X
A
C
K
S
t
o
p
A
C
K
Acknowledges from Device
Starting Block
Number
Number of
Blocks to
Protect
R
S/HE
R
S/HE
R
S/HE
R
S/HE
Security Read
Security Write
High Endurance Block Read
High Endurance Block Write
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
High Endurance
Block Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com