Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8083H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8083H
Description  Satellite Demodulator and Decoder SDD3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8083H Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8083H Datasheet HTML 1Page - NXP Semiconductors TDA8083H Datasheet HTML 2Page - NXP Semiconductors TDA8083H Datasheet HTML 3Page - NXP Semiconductors TDA8083H Datasheet HTML 4Page - NXP Semiconductors TDA8083H Datasheet HTML 5Page - NXP Semiconductors TDA8083H Datasheet HTML 6Page - NXP Semiconductors TDA8083H Datasheet HTML 7Page - NXP Semiconductors TDA8083H Datasheet HTML 8Page - NXP Semiconductors TDA8083H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Jul 28
3
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder
(SDD3)
TDA8083
GENERAL DESCRIPTION
This document specifies a DVB compliant demodulator
and forward error correction decoder IC for reception of
QPSK or BPSK modulated signals for satellite
applications. The Satellite Demodulator and Decoder
(SSD) can handle variable symbol rates without adapting
the analog filters within the tuner. Typical applications for
this device are:
• MCPC (Multi-Channel Per Carrier): one QPSK or
BPSK modulated signal in a single satellite channel
(transponder)
• Simul-cast: QPSK or BPSK modulated signal together
with a Frequency Modulated (FM) signal in a single
satellite channel (transponder).
The TDA8083 can handle variable symbol rates in the
range of 12 to 30 Msymbols/s with a minimum number of
low cost and non-critical external components.
The TDA8083 has minimal interfaces with the tuner. It only
requires the demodulated analog I and Q baseband input
signals and provides a tuner AGC control signal.
Analog-to-digital conversion is done internally by two
matched 7-bit ADCs.
The TDA8083 runs on a low frequency crystal which is
upconverted to a clock frequency by means of an internal
PLL. Furthermore, the TDA8083 has an internal anti-alias
filter, which can cover the range of symbol frequencies
without the need to switch external (SAW) filters.
The TDA8083 has a double carrier loop configuration
which has excellent capabilities of tracking phase noise.
Synchronization of the FEC unit is done completely
internally, thereby minimizing I2C-bus communication.
The output of the TDA8083 allows different output modes
(parallel or serial) to interface to a demultiplexer,
descrambler or MPEG-2 decoder including a 3-state
mode. For evaluation of the TDA8083, demodulator and
Viterbi decoder outputs can be made available externally.
The SDD can be controlled and monitored by the I2C-bus.
A 5-bit bidirectional I/O expander and an interrupt line are
available. By sending an interrupt signal, the SDD can
inform the microcontroller of its internal status. Separate
resets are available for logic only, logic plus the I2C-bus
and carrier loops. A switchable I2C-bus loop-through to the
tuner is implemented to switch off the I2C-bus connection
to the tuner. This reduces phase noise in the tuner in case
of I2C-bus crosstalk.
Furthermore, for dish control applications hardware
supports DiSEqC 1.X and tone burst generation via
I2C-bus control. A 22 or a 44 kHz carrier can be generated
(tone mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com