Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP607I/SL Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP607I/SL
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP607I/SL Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP607I/SL Datasheet HTML 2Page - Microchip Technology MCP607I/SL Datasheet HTML 3Page - Microchip Technology MCP607I/SL Datasheet HTML 4Page - Microchip Technology MCP607I/SL Datasheet HTML 5Page - Microchip Technology MCP607I/SL Datasheet HTML 6Page - Microchip Technology MCP607I/SL Datasheet HTML 7Page - Microchip Technology MCP607I/SL Datasheet HTML 8Page - Microchip Technology MCP607I/SL Datasheet HTML 9Page - Microchip Technology MCP607I/SL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP606/7/8/9
DS11177D-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +2.5V to +5.5V, VSS = GND, TA =25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-7:
Input Offset Voltage vs.
Ambient Temperature.
FIGURE 2-8:
Open-Loop Gain and Phase
vs. Frequency.
FIGURE 2-9:
Channel-to-Channel
Separation (MCP607 and MCP609 only).
FIGURE 2-10:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-11:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-12:
Input Noise Voltage Density
vs. Frequency.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
V
DD =2.5V
VDD = 5.5V
Representative Part
-20
0
20
40
60
80
100
120
Frequency (Hz)
-225
-180
-135
-90
-45
0
45
90
Gain
Phase
R
L = 25 kΩ
0.01
1
0.1
10
1k
100
10k
1M
100k
80
90
100
110
120
130
140
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Referred to Input
100
100k
10k
1k
-20
0
20
40
60
80
100
120
Common Mode Input Voltage (V)
TA = +85°C
TA = +25°C
TA = -40°C
VDD = 5.5V
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
Phase Margin
GBWP
V
DD = 5.0V
10
100
1000
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
Frequency (Hz)
0.1
1
10
100
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com