Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37LV128/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 37LV128/P
Description  36K, 64K, and 128K Serial EPROM Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV128/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 37LV128/P Datasheet HTML 4Page - Microchip Technology 37LV128/P Datasheet HTML 5Page - Microchip Technology 37LV128/P Datasheet HTML 6Page - Microchip Technology 37LV128/P Datasheet HTML 7Page - Microchip Technology 37LV128/P Datasheet HTML 8Page - Microchip Technology 37LV128/P Datasheet HTML 9Page - Microchip Technology 37LV128/P Datasheet HTML 10Page - Microchip Technology 37LV128/P Datasheet HTML 11Page - Microchip Technology 37LV128/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
37LV36/65/128
DS21109F-page 8
 2004 Microchip Technology Inc.
FIGURE 11-3: ENTER AND EXIT PROGRAMMING MODES
FIGURE 11-4: PROGRAMMING CYCLE OVERVIEW (NO VERIFY UNTIL ENTIRE ARRAY IS
PROGRAMMED)
FIGURE 11-5: DETAILS OF PROGRAM CYCLE
VCC
VPP
VPP2
VPP1
VCCP
TRPP
TFPP
TSVC
THVC
TSVC
TSVCE
TSVOE
CLK
DATA
CE
RESET/OE
Enter Mode
Exit Mode
** 32 Clocks
*Note: The CEO pin is high impedance when VPP = VPP1
High if RESET/OE configured
Low if RESET/OE configured
2 CLKS
**Load
Word 1
**Load
Word 2
**Load
Word 3
**Load
Word 4
**Load
Word 5
CE low to clear
data latches
Clock Increments
Address Counter
Enter
Programming
Mode
500
µs
Programming
Mode
500
µs
Programming
Mode
500
µs
Programming
Mode
500
µs
Programming
Mode
VPP = VPP2
VCC = VCCP
VPP1
VCC
VPP
CLK
CE
RESET/OE
CEO
*
*
**
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com