Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE12D24HTB2 Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE12D24HTB2
Description  HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE12D24HTB2 Datasheet(HTML) 1 Page - Hongfa Technology

  JE12D24HTB2 Datasheet HTML 1Page - Hongfa Technology JE12D24HTB2 Datasheet HTML 2Page - Hongfa Technology JE12D24HTB2 Datasheet HTML 3Page - Hongfa Technology JE12D24HTB2 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TfckX^\ [ifg
6:<
-A>LMJAK
GMLFE@ PDJ@W
HQM=445QHQM3RQ5:=8= QHQM58445 QMGQ@Q5<445 BDPRHEHDC
644; P\m2 6244
BfekXZk XiiXe^\d\ek
Q_fZb
i\j`jkXeZ\
Q`e^c\ Bf`c> 628U? CflYc\ Bf`c> 82<U
Bf`c gfn\i
4HLD?A
52 P\cXp `j fe k_\ vi\j\kw jkXklj n_\e Y\`e^ i\c\Xj\[ ]ifd jkfZb0
n`k_ k_\ Zfej`[\iXk`fe f] j_fZb i`j\e ]ifd kiXej`k Xe[ i\cXp
dflek`e^0 i\cXp nflc[ Y\ Z_Xe^\[ kf vj\kw jkXklj0 k_\i\]fi\0 n_\e
Xggc`ZXk`fe . Zfee\Zk`e^ k_\ gfn\i jlggcp/0 gc\Xj\ i\j\k k_\ i\cXp
kf vj\kw fi vi\j\kw jkXklj fe i\hl\jk2
62 He fi[\i kf dX`ekX`e vj\kw fi vi\j\kw jkXklj0 \e\i^`q\[ mfckX^\ kf
Zf`c j_flc[ i\XZ_ k_\ iXk\[ mfckX^\0 `dglcj\ n`[k_ j_flc[ Y\ 9
k`d\j dfi\ k_Xe vj\kw fi vi\j\kw k`d\2 Cf efk \e\i^`q\ mfckX^\ kf
vj\kw Zf`c Xe[ vi\j\kw Zf`c j`dlckXe\fljcp2 @e[ Xcjf cfe^ \e\i^`q\[
k`d\ .dfi\ k_Xe 5 d`e/ j_flc[ Y\ Xmf`[\[2
72 R_\ k\id`eXcj f] i\cXp n`k_flk kn`jk\[ Zfgg\i n`i\ ZXe efk Y\ k`e1
jfc[\i\[0 ZXe efk Y\ dfm\[ n`cc]lccp0 dfi\ fm\i knf k\id`eXcj ZXe
efk Y\ ]`o\[ Xk k_\ jXd\ k`d\2
1,z{
:
56
68
8<
:
56
68
8<
82<
=2:
5=26
7<28
82<
=2:
5=26
7<28
644
644
644
644
644
644
644
644
/0./ 65<,7 2}9*/04. 7,2}=
*/}7}*9,70890*8
5@
Rpg2> 94dT .Xk 54@/
KXo2> 694dT .Xk 54@/
Q`cm\i Xccfp
564@ 6;;T@B36<TCB
884T@B
564@
77684T@377:4U
6o54: MNQ
5o548 MNQ
*549}*9 +}9}
BfekXZk dXk\i`Xc
BfekXZk iXk`e^ .P\j2 cfX[/
KXo2 jn`kZ_`e^ mfckX^\
KXo2 jn`kZ_`e^ Zlii\ek
KXo2 jn`kZ_`e^ gfn\i
K\Z_Xe`ZXc \e[liXeZ\
Dc\Zki`ZXc \e[liXeZ\
HejlcXk`fe i\j`jkXeZ\
C`\c\Zki`Z jki\e^k_
.A\kn\\e Zf`c - ZfekXZkj/
Bi\\gX^\ [`jkXeZ\
Mg\iXk\ k`d\ .Xk efd`2 mfck2/
P\c\Xj\ k`d\ .Xk efd`2 mfck2/
EleZk`feXc
C\jkilZk`m\
T`YiXk`fe i\j`jkXeZ\
Gld`[`kp
@dY`\ek k\dg\iXkli\
R\id`eXk`fe
Se`k n\`^_k
BfejkilZk`fe
*502
*502 +}9}
N`Zb1lg
TfckX^\
TCB
Nlcj\
CliXk`fe
dj
Bf`c P\j`jkXeZ\
o.5 54,/
Lfd`eXc
TfckX^\
TCB
Q`e^c\
Bf`c
CflYc\
Bf`cj
Xk 67
R SB7 Zfdgc`Xek `e XZZfi[XeZ\ n`k_ HDB :6499175
R Qkife^ i\j`jkXeZ\ XY`c`kp kf j_fik Z`iZl`k Zlii\ek Xk
7:44@ .74 k`d\j dfi\ k_Xe iXk\[ cfX[ Zlii\ek/
R 564@ jn`kZ_`e^ ZXgXY`c`kp
R G\Xmp cfX[ lg kf 77268bT@
R 8bT [`\c\Zki`Z jki\e^k_
.Y\kn\\e Zf`c Xe[ ZfekXZkj/
R Dem`ifed\ekXc ]i`\e[cp gif[lZk .PfGQ Zfdgc`Xek/
R Mlkc`e\ C`d\ej`fej> .9624 o 8724 o 6624/ dd
5444K .Xk 944TCB/
<dd
64dj dXo
64dj dXo
544d3j6
5444d3j6
54 r 99Gq 524dd C@
=<,PGS84
184 kf ;4
OB
@ggifo2 544^
Cljk gifk\Zk\[
5:
:4
694
5444
6t<
6t74
6t569
6t944
8444T@B 5d`e


Similar Part No. - JE12D24HTB2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JE1206ML180A DBLECTRO-JE1206ML180A Datasheet
91Kb / 2P
Multilayer Ceramic Transient Voltage Suppressor for ESD Protection
JE1206ML180L DBLECTRO-JE1206ML180L Datasheet
91Kb / 2P
Multilayer Ceramic Transient Voltage Suppressor for ESD Protection
More results

Similar Description - JE12D24HTB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE6 HONGFA-HFE6 Datasheet
58Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE31 HONGFA-HFE31 Datasheet
51Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com