Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS300T-/SN Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS300T-/SN
Description  KEE LOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300T-/SN Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS300T-/SN Datasheet HTML 20Page - Microchip Technology HCS300T-/SN Datasheet HTML 21Page - Microchip Technology HCS300T-/SN Datasheet HTML 22Page - Microchip Technology HCS300T-/SN Datasheet HTML 23Page - Microchip Technology HCS300T-/SN Datasheet HTML 24Page - Microchip Technology HCS300T-/SN Datasheet HTML 25Page - Microchip Technology HCS300T-/SN Datasheet HTML 26Page - Microchip Technology HCS300T-/SN Datasheet HTML 27Page - Microchip Technology HCS300T-/SN Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
HCS300
DS21137F-page 26
© 2001 Microchip Technology Inc.
HCS300 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
Temperature
Blank = 0°C to +70°C
Range:
I = –40°C to +85°C
Device:
HCS300
= Code Hopping Encoder
HCS300T
= Code Hopping Encoder (Tape and Reel)
HCS300
-
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences
and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of
the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com