| Electronic Components Datasheet Search |
|
HCS301T-/SN Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS301T-/SN Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 30 page ![]() © 2001 Microchip Technology Inc. DS21143B-page 15 HCS301 7.0 INTEGRATING THE HCS301 INTO A SYSTEM Use of the HCS301 in a system requires a compatible decoder. This decoder is typically a microcontroller with compatible firmware. Microchip will provide (via a license agreement) firmware routines that accept transmissions from the HCS301 and decrypt the hopping code portion of the data stream. These routines provide system designers the means to develop their own decoding system. 7.1 Learning a Transmitter to a Receiver A transmitter must first be ’learned’ by a decoder before its use is allowed in the system. Several learning strat- egies are possible, Figure 7-1 details a typical learn sequence. Core to each, the decoder must minimally store each learned transmitter’s serial number and cur- rent synchronization counter value in EEPROM. Addi- tionally, the decoder typically stores each transmitter’s unique crypt key. The maximum number of learned transmitters will therefore be relative to the available EEPROM. A transmitter’s serial number is transmitted in the clear but the synchronization counter only exists in the code word’s encrypted portion. The decoder obtains the counter value by decrypting using the same key used to encrypt the information. The KEELOQ algorithm is a symmetrical block cipher so the encryption and decryp- tion keys are identical and referred to generally as the crypt key. The encoder receives its crypt key during manufacturing. The decoder is programmed with the ability to generate a crypt key as well as all but one required input to the key generation routine; typically the transmitter’s serial number. Figure 7-1 summarizes a typical learn sequence. The decoder receives and authenticates a first transmis- sion; first button press. Authentication involves gener- ating the appropriate crypt key, decrypting, validating the correct key usage via the discrimination bits and buffering the counter value. A second transmission is received and authenticated. A final check verifies the counter values were sequential; consecutive button presses. If the learn sequence is successfully com- plete, the decoder stores the learned transmitter’s serial number, current synchronization counter value and appropriate crypt key. From now on the crypt key will be retrieved from EEPROM during normal opera- tion instead of recalculating it for each transmission received. Certain learning strategies have been patented and care must be taken not to infringe. FIGURE 7-1: TYPICAL LEARN SEQUENCE Enter Learn Mode Wait for Reception of a Valid Code Generate Key from Serial Number Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value Equal Wait for Reception of Second Valid Code Compare Discrimination Value with Fixed Value Use Generated Key to Decrypt Equal Counters Encryption key Serial number Synchronization counter Sequential ? ? ? Exit Learn successful Store: Learn Unsuccessful No No No Yes Yes Yes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |