Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80113 Datasheet(PDF) 1 Page - Alpha Wire

Part # 80113
Description  24 (19/36) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80113 Datasheet(HTML) 1 Page - Alpha Wire

  80113 Datasheet HTML 1Page - Alpha Wire 80113 Datasheet HTML 2Page - Alpha Wire 80113 Datasheet HTML 3Page - Alpha Wire 80113 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 80113
Construction
 
Diameters (In)
1) Component 1
10 X 1 COND
 
a) Conductor
24 (19/36) AWG Tinned Copper
0.025
b) Insulation
0.010" Wall, Nom. MPPE
0.045
(1) Print
ALPHANUMERIC NUMBERS - VERTICAL & HORIZONTAL
ALTERNATELY INVERTED
(2) Color Code
Alpha Wire Color Code KX
Cond Color
Cond Color
Cond Color
1
GREEN/YELLOW5
BLACK#4 9
BLACK#8
2
BLACK#1
6
BLACK#5 10
BLACK#9
3
BLACK#2
7
BLACK#6
 
4
BLACK#3
8
BLACK#7
 
2) Cable Assembly
10 Components Cabled
 
a) Twists:
6.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield
Tinned Copper BRAID Shield,85% Coverage, Min.
 
4) Jacket
0.032" Wall, Nom.,Polyurethane, Zero Halogen (ZH)
0.283+/- 0.015
a) Color(s)
SLATE
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 80113 10C 24 AWG
RU AWM STYLE 21959 90C 600V SUN RES 60C OIL OR
CRU AWM I/II A/B 90C 600V FT2 --- IEC EN 60332-1/2
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 80113

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8011 FILTRAN-8011 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8011 SONARDYNE-8011 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
logo
Sealevel Systems, Inc.
8011 SEALEVEL-8011 Datasheet
692Kb / 2P
PCI 8 Form C Relay Output / 8 Isolated Input Digital Interface
logo
Belden Inc.
8011-000100 BELDEN-8011-000100 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
More results

Similar Description - 80113

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1346243 ETC2-1346243 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9729 ETC2-9729 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com