Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76-E/SN Datasheet(PDF) 9 Page - Microchip Technology

Part # 93C76-E/SN
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76-E/SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93C76-E/SN Datasheet HTML 5Page - Microchip Technology 93C76-E/SN Datasheet HTML 6Page - Microchip Technology 93C76-E/SN Datasheet HTML 7Page - Microchip Technology 93C76-E/SN Datasheet HTML 8Page - Microchip Technology 93C76-E/SN Datasheet HTML 9Page - Microchip Technology 93C76-E/SN Datasheet HTML 10Page - Microchip Technology 93C76-E/SN Datasheet HTML 11Page - Microchip Technology 93C76-E/SN Datasheet HTML 12Page - Microchip Technology 93C76-E/SN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2004 Microchip Technology Inc.
DS21132E-page 9
93C76/86
FIGURE 3-7:
ERASE
FIGURE 3-8:
ERAL
11
1
AN
...
A0
TCZ
High-impedance
CS
CLK
DI
DO
Standby
Ready
Busy
TWC
...
Ensure at VCC = +4.5V to +5.5V.
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s
10
01
0
x
x
...
CS
CLK
DI
DO
TEC
TCZ
High-impedance
Busy
Ready
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com