Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8341 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8341
Description  Television IF amplifier and demodulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8341 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8341 Datasheet HTML 1Page - NXP Semiconductors TDA8341 Datasheet HTML 2Page - NXP Semiconductors TDA8341 Datasheet HTML 3Page - NXP Semiconductors TDA8341 Datasheet HTML 4Page - NXP Semiconductors TDA8341 Datasheet HTML 5Page - NXP Semiconductors TDA8341 Datasheet HTML 6Page - NXP Semiconductors TDA8341 Datasheet HTML 7Page - NXP Semiconductors TDA8341 Datasheet HTML 8Page - NXP Semiconductors TDA8341 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
November 1987
2
Philips Semiconductors
Product specification
Television IF amplifier and demodulator
TDA8340
TDA8341
DESCRIPTION
The TDA8340;Q and TDA8341;Q are integrated IF
amplifier and demodulator circuits for colour or black/white
television receivers, the TDA8340;Q is for application with
n-p-n tuners and the TDA8341;Q for p-n-p tuners.
The TDA8340;Q and TDA8341;Q are pin-compatible
successors with improved performance to types
TDA2540/2541;Q and TDA3540/3541;Q.
Features
• Full range gain-controlled wide-band IF amplifier
• Linear synchronous demodulator with excellent
intermodulation performance
• White spot inverter
• Wide-band video amplifier with noise protection
• AFC circuit with AFC on/off switching and
sample-and-hold function
• Low impedance AFC output
• AGC circuit with noise gating
• Tuner AGC output for n-p-n tuners (TDA8340) or p-n-p
tuners (TDA8341)
• External video switch for switching-off the video output
• Reduced sensitivity for high sound carriers
• Integrated filter to limit second harmonic IF signals
• Wide supply voltage range
• Requires few external components
QUICK REFERENCE DATA
PACKAGE OUTLINES
TDA8340; TDA8341:
16-lead DIL; plastic (SOT38); SOT38-1; 1996 november 29.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 11)
VCC =V11-13
9,4
12
13,2
V
Supply current (pin 11)
I11
30
42
55
mA
IF input sensitivity
(r.m.s. value)
V1-16(rms)
20
40
80
µV
IF gain control range
Gv
−
67
−
dB
Video output voltage
white signal;
(peak-to-peak value)
10% top sync
V12−13(p−p)
2,4
2,7
3,0
V
Signal-to-noise ratio
Vi = 10 mV
S/(S
+N)
50
58
−
dB
AFC output voltage swing
(peak-to-peak value)
V5-13(p-p)
−
10
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com