Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC41A Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC41A
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41A Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC41A Datasheet HTML 4Page - Microchip Technology 24LC41A Datasheet HTML 5Page - Microchip Technology 24LC41A Datasheet HTML 6Page - Microchip Technology 24LC41A Datasheet HTML 7Page - Microchip Technology 24LC41A Datasheet HTML 8Page - Microchip Technology 24LC41A Datasheet HTML 9Page - Microchip Technology 24LC41A Datasheet HTML 10Page - Microchip Technology 24LC41A Datasheet HTML 11Page - Microchip Technology 24LC41A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
24LC41A
DS21176D-page 8
 2003 Microchip Technology Inc.
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
FIGURE 3-2:
BUS TIMING START/STOP
FIGURE 3-3:
BUS TIMING DATA
FIGURE 3-4:
CONTROL BYTE ALLOCATION
DSCL
DSDA
(A)
(B)
(D)
(D)
(C)
(A)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION
or
MSCL
or
MSDA
MSCL
DSDA
TSU:STA
THD:STA
START
STOP
VHYS
TSU:STO
or
MSCL
IN
or
MSDA
IN
DSCL
DSDA
DSDA
THD:STA
TSU:STA
TF
THIGH
TR
TSU:STO
TSU:DAT
THD:DAT
TBUF
TAA
THD:STA
TAA
TSP
TLOW
or
MSCL
IN
OR
MSDA
IN
OR
MSDA
OUT
B0, B1, and B2 are zeros for DDC Monitor Port. B1 and B2 are don’t care bits for the Microcontroller Access Port,
and B0 is used to select which of the two 256 word blocks of memory are to be accessed.
R/W
A
1
0
10B2
B1
B0
READ/WRITE
START
SLAVE ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com