Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01SC-/S Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C01SC-/S
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC-/S Datasheet(HTML) 3 Page - Microchip Technology

  24C01SC-/S Datasheet HTML 1Page - Microchip Technology 24C01SC-/S Datasheet HTML 2Page - Microchip Technology 24C01SC-/S Datasheet HTML 3Page - Microchip Technology 24C01SC-/S Datasheet HTML 4Page - Microchip Technology 24C01SC-/S Datasheet HTML 5Page - Microchip Technology 24C01SC-/S Datasheet HTML 6Page - Microchip Technology 24C01SC-/S Datasheet HTML 7Page - Microchip Technology 24C01SC-/S Datasheet HTML 8Page - Microchip Technology 24C01SC-/S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2004 Microchip Technology Inc.
DS21170E-page 3
24C01SC/24C02SC
TABLE 1-2:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
Min.
Max.
Units
Remarks
Clock frequency
FCLK
400
kHz
Clock high time
THIGH
600
ns
Clock low time
TLOW
1300
ns
SDA and SCL rise time
TR
300
ns
(Note 1)
SDA and SCL fall time
TF
300
ns
(Note 1)
Start condition hold time
THD:STA
600
ns
After this period the first clock
pulse is generated
Start condition setup time
TSU:STA
600
ns
Only relevant for repeated
Start condition
Data input hold time
THD:DAT
0—
ns
(Note 2)
Data input setup time
TSU:DAT
100
ns
Stop condition setup time
TSU:STO
600
ns
Output valid from clock
TAA
900
ns
(Note 2)
Bus free time
TBUF
1300
ns
Time the bus must be free
before a new transmission can
start
Output fall time from VIH
minimum to VIL maximum
TOF
20 + 0.1
CB
250
ns
(Note 1), CB
= 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—50
ns
(Note 3)
Write cycle time
TWR
10
ms
Byte or Page mode
Endurance
1M
cycles
25°C, Vcc = 5V, Block mode
(Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total EnduranceModel which can be obtained from Microchip’s web site
at www.microchip.com.
SCL
SDA
IN
SDA
OUT
THD:STA
TSU:STA
TF
THIGH
TR
TSU:STO
TSU:DAT
THD:DAT
TBUF
TAA
THD:STA
TAA
TSP
TLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com