Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA52-/P Datasheet(PDF) 25 Page - Microchip Technology

Part # 24AA52-/P
Description  2K 2.2V I2C??Serial EEPROM with Software Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52-/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button 24AA52-/P Datasheet HTML 20Page - Microchip Technology 24AA52-/P Datasheet HTML 21Page - Microchip Technology 24AA52-/P Datasheet HTML 22Page - Microchip Technology 24AA52-/P Datasheet HTML 23Page - Microchip Technology 24AA52-/P Datasheet HTML 24Page - Microchip Technology 24AA52-/P Datasheet HTML 25Page - Microchip Technology 24AA52-/P Datasheet HTML 26Page - Microchip Technology 24AA52-/P Datasheet HTML 27Page - Microchip Technology 24AA52-/P Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21166J-page 25
24AA52/24LCS52
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Note
1: Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured
before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb).
Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA52:
= 1.8V, 2 Kbit I2C Serial EEPROM
24AA52T:
= 1.8V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
24LCS52:
= 2.2V, 2 Kbit I2C Serial EEPROM
24LCS52T: = 2.2V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
MC
=
Micro Lead Frame (2x3 mm body), 8-lead
Lead Finish
Blank =
Pb-free – Matte Tin (see Note 1)
G
=
Pb-free – Matte Tin only
Examples:
a)
24AA52-I/P:
Industrial
Temperature,
1.8V, PDIP package
b)
24AA52-I/SN:
Industrial
Temperature,
1.8V, SOIC package
c)
24AA52T-I/MS: Tape and Reel, Industrial
Temperature, 1.8V, MSOP package
d)
24LCS52-I/P:
Industrial
Temperature,
2.2V, PDIP package
e)
24LCS52-I/MC: Industrial Temperature,
2.2V, DFN package
f)
24LCS52T-I/MS:
Tape
and
Reel,
Industrial
Temperature,
2.2V,
MSOP
package
X
Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com