Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5018 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 31Page - Texas Instruments LP5018 Datasheet HTML 32Page - Texas Instruments LP5018 Datasheet HTML 33Page - Texas Instruments LP5018 Datasheet HTML 34Page - Texas Instruments LP5018 Datasheet HTML 35Page - Texas Instruments LP5018 Datasheet HTML 36Page - Texas Instruments LP5018 Datasheet HTML 37Page - Texas Instruments LP5018 Datasheet HTML 38Page - Texas Instruments LP5018 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Table 7-35. OUT14_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT14_Color
R/ W
00h
FFh = The color mixing percentage is 100%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
7.6.31 OUT15_COLOR (Address = 1Eh) [reset = 00h]
OUT15_COLOR is shown in Figure 7-43 and described in Table 7-36.
Return to Table 7-4.
Figure 7-43. OUT15_COLOR Register
7
6
5
4
3
2
1
0
OUT15_Color
R/ W-00h
Table 7-36. OUT15_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT15_Color
R/ W
00h
FFh = The color mixing percentage is 100%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
7.6.32 OUT16_COLOR (Address = 1Fh) [reset = 00h]
OUT16_COLOR is shown in Figure 7-44 and described in Table 7-37.
Return to Table 7-4.
Figure 7-44. OUT16_COLOR Register
7
6
5
4
3
2
1
0
OUT16_Color
R/ W-00h
Table 7-37. OUT16_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT16_Color
R/ W
00h
FFh = The color mixing percentage is 100%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
7.6.33 OUT17_COLOR (Address = 20h) [reset = 00h]
OUT17_COLOR is shown in Figure 7-45 and described in Table 7-38.
Return to Table 7-4.
Figure 7-45. OUT17_COLOR Register
7
6
5
4
3
2
1
0
OUT17_Color
R/ W-00h
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com