Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC64 Datasheet(PDF) 17 Page - Microchip Technology

Part # 24FC64
Description  64K I2C??Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 24FC64 Datasheet HTML 13Page - Microchip Technology 24FC64 Datasheet HTML 14Page - Microchip Technology 24FC64 Datasheet HTML 15Page - Microchip Technology 24FC64 Datasheet HTML 16Page - Microchip Technology 24FC64 Datasheet HTML 17Page - Microchip Technology 24FC64 Datasheet HTML 18Page - Microchip Technology 24FC64 Datasheet HTML 19Page - Microchip Technology 24FC64 Datasheet HTML 20Page - Microchip Technology 24FC64 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2007 Microchip Technology Inc.
DS21189L-page 17
24AA64/24LC64/24FC64
8-Lead Plastic Small Outline (SM) – Medium, 5.28 mm Body [SOIJ]
Notes:
1. SOIJ, JEITA/EIAJ Standard, formerly called SOIC.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.25 mm per side.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
1.27 BSC
Overall Height
A
1.77
–
2.03
Molded Package Thickness
A2
1.75
–
1.98
Standoff §
A1
0.05
–
0.25
Overall Width
E
7.62
–
8.26
Molded Package Width
E1
5.11
–
5.38
Overall Length
D
5.13
–
5.33
Foot Length
L
0.51
–
0.76
Foot Angle
φ
0°
–
8°
Lead Thickness
c
0.15
–
0.25
Lead Width
b
0.36
–
0.51
Mold Draft Angle Top
α
–
–
15°
Mold Draft Angle Bottom
β
–
–
15°
φ
β
α
L
c
A2
A1
A
b
12
e
E
E1
N
D
Microchip Technology Drawing C04-056B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com