Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-1-A Datasheet(PDF) 4 Page - CUI Devices

Part # SD-1-A
Description  SD CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-1-A Datasheet(HTML) 4 Page - CUI Devices

  SD-1-A Datasheet HTML 1Page - CUI Devices SD-1-A Datasheet HTML 2Page - CUI Devices SD-1-A Datasheet HTML 3Page - CUI Devices SD-1-A Datasheet HTML 4Page - CUI Devices SD-1-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | MODEL: SD-1-A | DESCRIPTION: SD CARD CONNECTOR
date 10/24/2023 | page 4 of 5
cuidevices.com
units: mm
Reel Size: Ø330 mm
Reel QTY: 350 pcs per reel
20PCS (EMPTY)
20PCS (EMPTY)
5PCS (EMPTY)
5PCS (EMPTY)
COMPONENTS
COMPONENTS
350PCS
350PCS
400mm MIN
400mm MIN
180mm
180mm
PACKAGING
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com