Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1069483 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069483
Description  M17-3EP1N8A8004/1,5 - Cable connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069483 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069483 Datasheet HTML 1Page - PHOENIX CONTACT 1069483 Datasheet HTML 2Page - PHOENIX CONTACT 1069483 Datasheet HTML 3Page - PHOENIX CONTACT 1069483 Datasheet HTML 4Page - PHOENIX CONTACT 1069483 Datasheet HTML 5Page - PHOENIX CONTACT 1069483 Datasheet HTML 6Page - PHOENIX CONTACT 1069483 Datasheet HTML 7Page - PHOENIX CONTACT 1069483 Datasheet HTML 8Page - PHOENIX CONTACT 1069483 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
warnings (e.g. DIN EN ISO 13732-1:2008-12).
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
04
Connector
Insulating body
Coding
N
Insulation body material
PA 6.6
Insertion/withdrawal cycles
100
Connection method
Crimp connection
Contact switching type
Pin
Application
Power
Number of positions
4
Connection profile
3+PE
Contact diameter
Power contacts
1.5 mm
Litz wire cross-section
Power contacts min.
0.25 mm²
Litz wire cross-section
Power contacts max.
2.5 mm²
Rated current
Power contacts
20 A
Note
for max. connection cross section
Rated voltage
630 V
Rated surge voltage
6 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter
Signal contacts
1.5 mm
Litz wire cross-section
Signal contacts min.
0.25 mm²
Litz wire cross-section
Signal contacts max.
2.5 mm²
Installation height
3000 m
Housing
Housing material
GD-Zn
Type of locking
Screw locking mechanism
Pg screw connection
none
IP67
Degree of protection (plugged in)
IP68, 24 h / 2 m
Thread type
M17
Seal
External cable diameter
8.5 mm ... 12 mm
M17-3EP1N8A8004/1,5 - Cable connector
1069483
https://www.phoenixcontact.com/us/products/1069483
Jul 26, 2024, 6:06 AM
Page 3 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com