Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7560N Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7560N
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7560N Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7560N Datasheet HTML 1Page - LSI Computer Systems LS7560N Datasheet HTML 2Page - LSI Computer Systems LS7560N Datasheet HTML 3Page - LSI Computer Systems LS7560N Datasheet HTML 4Page - LSI Computer Systems LS7560N Datasheet HTML 5Page - LSI Computer Systems LS7560N Datasheet HTML 6Page - LSI Computer Systems LS7560N Datasheet HTML 7Page - LSI Computer Systems LS7560N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7560N-080305-6
FIGURE 6. Four phase motor control requires only two Hall Sensor inputs spaced 90 electrical
degrees apart. S1 is connected to one sensor and S2 and S3 are tied together and connected to
the other sensor (Refer to Table 1). The Brake input (Pin 23) is used to control the Top Driver
Select (Pin 20) and the Top Motor Drivers. When the Brake input is applied, the Top Motor driv-
ers are turned off and the Top Driver Polarity Select is forced low turning on the Outputs 1 and 3.
Since Outputs 4 and 6 are also turned on, the motor windings become shorted together.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
17
15
14
12
10
11
ROTOR
3
1
2
4
24
25
26
S1
S2
S3
20
V M
OUT1
OUT3
OUT4
OUT6
FIGURE 6. FOUR-PHASE FULL-WAVE MOTOR CONTROLLER
23
BRAKE
TOP
DRIVER
POLARITY
SELECT
V M
S1
S2, S3
OVERCURRENT
SENSE
(+)
(-)
V M
S1
S2, S3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com