Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1014 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 3 Page - Microchip Technology

  TC1014_07 Datasheet HTML 1Page - Microchip Technology TC1014_07 Datasheet HTML 2Page - Microchip Technology TC1014_07 Datasheet HTML 3Page - Microchip Technology TC1014_07 Datasheet HTML 4Page - Microchip Technology TC1014_07 Datasheet HTML 5Page - Microchip Technology TC1014_07 Datasheet HTML 6Page - Microchip Technology TC1014_07 Datasheet HTML 7Page - Microchip Technology TC1014_07 Datasheet HTML 8Page - Microchip Technology TC1014_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 3
TC1014/TC1015/TC1185
TEMPERATURE CHARACTERISTICS
Output Noise
eN
—600
—
nV/
√Hz
—IL = IOUTMAX,
F = 10 kHz
470 pF from Bypass
to GND
SHDN Input High Threshold
VIH
45
—
—
%VIN
—VIN = 2.5V to 6.5V
SHDN Input Low Threshold
VIL
——
15
%VIN
—VIN = 2.5V to 6.5V
TC1014/TC1015/TC1185 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Specifications: VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C, unless otherwise noted.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Device
Test Conditions
Note
1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1V
differential.
6:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to
initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details.
8:
Apply for Junction Temperatures of -40°C to +85°C.
TC VOUT = (VOUTMAX – VOUTMIN)x 106
VOUT x ΔT
Electrical Specifications: VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C, unless otherwise noted.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges:
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances:
Thermal Resistance, 5L-SOT-23
θJA
—
256
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com