Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C00-/P Datasheet(PDF) 15 Page - Microchip Technology

Part # 24C00-/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00-/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24C00-/P Datasheet HTML 11Page - Microchip Technology 24C00-/P Datasheet HTML 12Page - Microchip Technology 24C00-/P Datasheet HTML 13Page - Microchip Technology 24C00-/P Datasheet HTML 14Page - Microchip Technology 24C00-/P Datasheet HTML 15Page - Microchip Technology 24C00-/P Datasheet HTML 16Page - Microchip Technology 24C00-/P Datasheet HTML 17Page - Microchip Technology 24C00-/P Datasheet HTML 18Page - Microchip Technology 24C00-/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 15
24LCS61/24LCS62
9.0
EXTERNAL DEVICE SELECT
(EDS) PIN AND OUTPUT
ENABLE (OE) BIT
The External Device Select (EDS) pin is an open drain,
low active output and may be used by the system
designer for functions such as enabling other circuitry
when the 24LCS61/62 is being accessed. Because the
pin is an open drain output, a pull-up resistor is required
for proper operation of this pin. When the device is
powered up, the EDS pin will always be in the high-
impedance state (off). The EDS pin function is
controlled by using the output enable (OE) bit in the
control byte of each command. If the OE bit is high, the
EDS pin is enabled and if the OE bit is low the pin is
disabled. For the Assign Address command and
standard Read or Write commands, the EDS pin will
pull low (providing that the OE bit is set high) on the ris-
ing clock edge after the ack bit following the ID byte.
See Figure 9-1. For commands such as the Clear
Address command, the EDS pin will change states at
the rising clock edge just before the Stop bit. It is also
possible to control the EDS pin by sending a partial
command such as the control byte and ID byte for a
Write command followed by the Stop bit. The EDS pin
would change states just before the Stop bit as shown
in the lower portion of Figure 9-1. When the EDS pin
has changed states, it is latched and will remain in a
given state until another command is sent to the device
with the OE bit set to change the state of the pin, or
power to the device is removed.
FIGURE 9-1:
EDS PIN OPERATION
SCL
9
8
7
6
5
4
3
2
1
123
For commands such as the Assign Address command or standard read and
writes, the EDS pin will be asserted on this rising clock edge if the OE bit was set
to a one in the control byte. If the OE bit is a zero and the previous command
asserted it, then the EDS pin will be released by the device on this clock edge.
SDA
9
8
7
6
51
2
3
0
1
1
0
Start
Bit
Control
Byte
ACK
BIT
4
ID Byte
ACK
BIT
SCL
9
8
7
6
5
4
3
2
1
123
For commands such as the Clear Address command, the command is ter-
minated at this point with a Stop bit. The EDS pin will be asserted on this
rising clock edge if the OE bit was set to a one in the control byte. If the OE
bit is a zero and the previous command asserted it, then the EDS pin will be
released by the device at this point.
SDA
9
8
7
6
5
0
1
1
0
Start
Bit
Control
Byte
ACK
BIT
4
ID Byte
ACK
BIT
Stop
BIT
EDS
EDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com