Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC64T-E/SM Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC64T-E/SM
Description  64K I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64T-E/SM Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC64T-E/SM Datasheet HTML 16Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 17Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 18Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 19Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 20Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 21Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 22Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 23Page - Microchip Technology 24LC64T-E/SM Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2002 Microchip Technology Inc.
DS21189F-page21
24AA64/24LC64
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA64:
1.8V, 64 Kbit I2C Serial EEPROM
24AA64T:
1.8V, 64 Kbit I2C Serial EEPROM
(Tape and Reel)
24AA64X
1.8V, 64 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24AA64XT 1.8V, 64 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24LC64:
2.5V, 64 Kbit I2C Serial EEPROM
24LC64T:
2.5V, 64 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC64X
2.5V, 64 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24LC64XT
2.5V, 64 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
SM =
Plastic SOIC (208 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS =
Plastic Micro Small Outline (MSOP), 8-lead
Examples:
a)
24AA64-I/P: Industrial Temperature,
PDIP package
b)
24AA64-I/SN: Industrial Temperature,
SOIC package
c)
24AA64-I/SM: Industrial Temperature,
SOIC (208 mil) package
d)
24AA64X-I/ST: Industrial Temperature,
Rotated TSSOP package
e)
24AA64-I/ST: Industrial Temperature,
TSSOP package
a)
24LC64-I/P: Industrial Temperature,
PDIP package
b)
24LC64-E/SN: Extended Temperature,
SOIC package
c)
24LC64-E/SM: Extended Temperature,
SOIC (208 mil) package
d)
24LC64X-I/ST : Extended Temperature,
Rotated TSSOP package
e)
24LC64-I/ST: Industrial Temperature,
TSSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com