Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124N Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM124N
Description  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM124N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM124N Datasheet HTML 2Page - STMicroelectronics LM124N Datasheet HTML 3Page - STMicroelectronics LM124N Datasheet HTML 4Page - STMicroelectronics LM124N Datasheet HTML 5Page - STMicroelectronics LM124N Datasheet HTML 6Page - STMicroelectronics LM124N Datasheet HTML 7Page - STMicroelectronics LM124N Datasheet HTML 8Page - STMicroelectronics LM124N Datasheet HTML 9Page - STMicroelectronics LM124N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
LM124-LM224-LM324
6/19
Isink
Output sink current (Vid = -1 V)
VCC = +15 V, Vo = +2 V
VCC = +15 V, Vo = +0.2 V
10
12
20
50
mA
µA
VOH
High level output voltage
VCC = +30 V
Tamb = +25° C, RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25° C, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
V
VCC = +5 V, RL = 2 kΩ
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
3.5
3
VOL
Low level output voltage (RL = 10 kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew rate
VCC = 15 V, Vi = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF,
unity gain
0.4
V/µs
GBP
Gain bandwidth product
VCC = 30 V, f = 100 kHz,Vin = 10 mV, RL = 2 kΩ,
CL = 100 pF
1.3
MHz
THD
Total harmonic distortion
f = 1 kHz, Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp,
CL = 100 pF, VCC = 30 V
0.015
%
en
Equivalent input noise voltage
f = 1 kHz, Rs = 100 Ω, VCC = 30 V
40
DVio
Input offset voltage drift
7
30
µV/°C
DIio
Input offset current drift
10
200
pA/°C
Vo1/Vo2
Channel separation (4)
1 kHz
≤ f ≤ 20 kHZ
120
dB
1.
Vo = 1.4 V, Rs = 0 Ω, 5 V < VCC
+ < 30 V, 0 < V
ic < VCC
+ - 1.5 V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the
state of the output so there is no change in the load on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0. V. The upper end of the common-mode voltage range is VCC
+ - 1.5 V, but either or both inputs
can go to +32 V without damage.
4.
Due to the proximity of external components, ensure that stray capacitance between these external parts
does not cause coupling. Typically, this can be detected because this type of capacitance increases at
higher frequencies.
Table 2.
VCC
+ = +5 V, V
CC
-= Ground, V
o = 1.4 V, Tamb = +25° C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com