Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8385 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8385
Description  Control circuit for a Self-Oscillating Power Supply SOPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8385 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8385 Datasheet HTML 4Page - NXP Semiconductors TDA8385 Datasheet HTML 5Page - NXP Semiconductors TDA8385 Datasheet HTML 6Page - NXP Semiconductors TDA8385 Datasheet HTML 7Page - NXP Semiconductors TDA8385 Datasheet HTML 8Page - NXP Semiconductors TDA8385 Datasheet HTML 9Page - NXP Semiconductors TDA8385 Datasheet HTML 10Page - NXP Semiconductors TDA8385 Datasheet HTML 11Page - NXP Semiconductors TDA8385 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
March 1994
9
Philips Semiconductors
Preliminary specification
Control circuit for a Self-Oscillating
Power Supply (SOPS)
TDA8385
Pulse width modulator (Block IV)
The pulse width modulator compares
the control voltage Vr with the
sawtooth voltage Vsim. If Vsim > Vr
output sub-section 8 is HIGH the LED
is switched on and then the switching
transistor is switched off. In this way
the output voltage is controlled.
EXAMPLE
If the load decreases, VO increases
and therefore Vr decreases. This
causes the LED to start conducting
prematurely, which implies that the
switching transistor is turned off
sooner. The consequence is that the
collector peak current decreases and
hence less energy is stored in the
transformer and VO will decrease.
LED control (Block V)
If either output of sub-section 8 or
output of sub-section 16 are HIGH the
LED is conductive. In order to
improve the start-up behaviour of the
power supply, the demagnetization
signal of sub-section 12 will only
activate the LED driver if flip-flop (13)
has previously been set. The set
signal is generated in the following
three ways.
1. Pulse width modulator
(sub-section 8)
2. Comparator (18)
3. VP(min) detector
Set signal (2.) and (3.) are added as
extra security to guarantee a
demagnetization pulse in the event of
the switching transistor not having
enough base current. In that situation
e.g. at start-up, no comparator signal,
set signal (3.) is generated by
sub-section 8.
LED driver (Block VI)
The LED driver (pin 2) is blocked if the
supply voltage VP is in the
initialization phase (see Fig.4). The
output stage is a push-pull stage,
which can sink 5 mA and source
10 mA.
Slow-start circuit (Block VII)
The slow-start circuit is active at
start-up, over voltage protection or
after an overload (short-circuited),
and stand-by mode. The voltage Vss
and therefore the voltage Vmv and the
peak current Ic slowly increase at
start-up.
By means of sub-section 27 the slow
start voltage Vss is clamped to the
voltage Vfb. If the feedback voltage is
reduced, e.g. as overload, the
slow-start capacitor is discharged to
the level of Vfb. In this way a slow
start-up is also guaranteed after an
overload, short-circuit situation or
after a stand-by mode. The circuit of
sub-section 27 is not active during an
over voltage protection.
When the supply voltage VP is below
the reset-level of 5.2 V
(sub-section 28) the slow-start
capacitor is quickly discharged.
The slow-start input (pin 7) can also
be used for Ic(max) setting by
connecting a resistor to this pin.
Over voltage protection
(Block VIII)
The operation of the over voltage
protection circuit is, in the event of the
IC being SOPS-supplied, quite
different from when the IC is
externally supplied.
OPERATION WHEN THE IC IS
EXTERNALLY SUPPLIED
When the voltage on pin 8 exceeds
2.5 V the slow-start capacitor is
slowly discharged. During discharge
the LED is permanently conducting.
Discharge is stopped when Vss is
below 115 mV. Flip-flop (23) will then
be reset and the circuit is ready again
for a new slow-start procedure.
During an over voltage sub-section 27
is not active so that the output voltage
VO cannot influence the slow-start
discharge procedure.
OPERATION WHEN IC IS
SOPS-SUPPLIED (SEE FIGS 9 AND 10)
When the voltage on pin 8 exceeds
2.5 V the slow-start capacitor is
slowly discharged. During discharge
of Css the supply capacitor CP is also
discharged. Because the capacitors
CP and Css have almost the same
value and the supply current IP
(
≈15 mA) is much larger than the slow
discharge current (
≈50 µA), the LED
will be switched off by means of the
VP(min) detection circuit (5.2 V). At that
moment the switching transistor will
be switched on again until the 7.5 V
level is reached. During this
hysteresis interval the slow-charge
capacitor is quickly discharged. At the
7.5 V level the LED will be switched
on again because flip-flop (23) output
is still HIGH.
The same procedure will be repeated
several times until the slow-start
capacitor reaches the 115 mV reset
level. At that moment the slow-start
procedure is started again.
If there is still an over voltage the
procedure will be repeated.
Figure 10 is a detailed exposure of
Fig.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com