Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4558CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # MC4558CD
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558CD Datasheet(HTML) 4 Page - STMicroelectronics

  MC4558CD Datasheet HTML 1Page - STMicroelectronics MC4558CD Datasheet HTML 2Page - STMicroelectronics MC4558CD Datasheet HTML 3Page - STMicroelectronics MC4558CD Datasheet HTML 4Page - STMicroelectronics MC4558CD Datasheet HTML 5Page - STMicroelectronics MC4558CD Datasheet HTML 6Page - STMicroelectronics MC4558CD Datasheet HTML 7Page - STMicroelectronics MC4558CD Datasheet HTML 8Page - STMicroelectronics MC4558CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
MC4558
4/10
3
Electrical Characteristics
Table 3.
Electrical characteristics for VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
20
100
200
nA
Iib
Input Bias Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
400
500
nA
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current, all amplifiers, no load
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
2.3
4.5
6
mA
Vicm
Input Common Mode Voltage Range
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common-mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
70
70
90
dB
Ios
Output Short Circuit Current
10
20
40
mA
Vo
Output Voltage Swing
Tamb = +25°C RL = 10kΩ
RL = 2kΩ
Tmin. ≤ Tamb ≤ Tmax. RL = 10kΩ
RL = 2kΩ
±12
±10
±12
±10
±14
±13
V
SR
Slew Rate
Vi = ±10, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
1.5
2.2
V/µs
tr
Rise Time
Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
0.3
µs
KOV
Overshoot
Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
15
%
Ri
Input Resistance
0.3
2
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com