Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6382DTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6382DTR
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382DTR Datasheet(HTML) 3 Page - STMicroelectronics

  L6382DTR Datasheet HTML 1Page - STMicroelectronics L6382DTR Datasheet HTML 2Page - STMicroelectronics L6382DTR Datasheet HTML 3Page - STMicroelectronics L6382DTR Datasheet HTML 4Page - STMicroelectronics L6382DTR Datasheet HTML 5Page - STMicroelectronics L6382DTR Datasheet HTML 6Page - STMicroelectronics L6382DTR Datasheet HTML 7Page - STMicroelectronics L6382DTR Datasheet HTML 8Page - STMicroelectronics L6382DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
L6382D
Device description
3/22
1
Device description
Designed in High-voltage BCD Off-line technology, the L6382D is a PFC and ballast
controller provided with 4 inputs pin and a high voltage start-up generator conceived for
applications managed by a microcontroller providing the maximum flexibility. It allows the
designer to use the same ballast circuit for different lamp wattage/type by simply changing
the
µC software.
The digital input pins - able to receive signals up to 400KHz - are connected to level shifters
that provide the control signals to their relevant drivers; in particular the L6382D embeds
one driver for the PFC pre-regulator stage, two drivers for the ballast half-bridge stage (High
Voltage, including also the bootstrap function) and the last one to provide supplementary
features like preheating of filaments supplied through isolated windings in dimmable
applications.
A precise reference voltage (+3.3V ±1%) able to provide up to 30mA is available to supply
the
µC: this current is obtained thanks to the on-chip high voltage start-up generator that,
moreover, keeps the consumption before start-up below 150
µA.
The chip has been designed with advanced power management logic to minimize power
losses and increase the application reliability.
In the half-bridge section, a patented integrated bootstrap section replaces the external
bootstrap diode.
The L6382D integrates also a function that regulates the IC supply voltage (without the need
of any external charge pump) and optimizes the current consumption.
Figure 2.
Typical system block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com