Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8416 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8416
Description  TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8416 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8416 Datasheet HTML 9Page - NXP Semiconductors TDA8416 Datasheet HTML 10Page - NXP Semiconductors TDA8416 Datasheet HTML 11Page - NXP Semiconductors TDA8416 Datasheet HTML 12Page - NXP Semiconductors TDA8416 Datasheet HTML 13Page - NXP Semiconductors TDA8416 Datasheet HTML 14Page - NXP Semiconductors TDA8416 Datasheet HTML 15Page - NXP Semiconductors TDA8416 Datasheet HTML 16Page - NXP Semiconductors TDA8416 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
November 1989
13
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with integrated filters and I2C-bus control
TDA8416
CHARACTERISTICS
VP = 12 V; Tamb =25 °C. Measurement conditions (see Fig.7): reference level is 1 V (RMS); test
frequency = 3.183 kHz; noise measurement in accordance with DIN 45405, CCIR 468-3; oscillator
frequency = 10 MHz; pre-emphasis time constant = 50
µs.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supplies
Supply voltage
VP =V15-16
10.8
12
13.2
V
Supply current
IP =I15
−
10
−
mA
DC levels
pins 6 - 14 and 17
Vn-16
−
3.25
−
V
pin 4
V4-5
−
2
−
V
Bus transceiver
Clock frequency
(I2 C-bus)
note 1
fCLK
0.7
−
100
kHz
Clock SCL (pin 3)
Input voltage LOW
VIL
−0.3
−
1.5
V
Input voltage HIGH
VIH
3
−
5V
Timing LOW period
tLOW
4.7
−−
µs
Timing HIGH period
tHIGH
4
−−
µs
Rise time
tr
−−
1
µs
Fall time
tf
−−
0.3
µs
Input current LOW
−I
IL
−−
10
µA
Input current HIGH
IIH
−−
10
µA
Data SDA (pin 2)
Input voltage LOW
VIL
−0.3
−
1.5
V
Input voltage HIGH
VIH
3
−
5V
Rise time
tr
−−
1
µs
Fall time
tf
−−
0.3
µs
Data set-up time
tSU; DAT
0.25
−−
µs
Input current LOW
−I
IL
−−
10
µA
Input current HIGH
IIH
−−
10
µA
Output current LOW
IOL
3
−−
mA
MAD (pin 20)
Input voltage LOW
V20-5
−−
2.0
V
Input voltage HIGH
V20-5
3.0
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com