Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940VI/W Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C940VI/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VI/W Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C940VI/W Datasheet HTML 10Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 11Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 12Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 13Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 14Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 15Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 16Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 17Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
14
Am79C940
PIN/PACKAGE SUMMARY (continued)
PQFP Pin #
Pin Name
Pin Function
43
SCLK
System Clock
44
TDTREQ
Transmit Data Transfer Request
45
RDTREQ
Receive Data Transfer Request
46
ADD0
Address0
47
ADD1
Address1
48
ADD2
Address2
49
ADD3
Address3
50
ADD4
Address4
51
NC
No Connect
52
NC
No Connect
53
NC
No Connect
54
NC
No Connect
55
R/W
Read/Write
56
CS
Chip Select
57
RXPOL
Receive Polarity
58
LNKST
Link Status
59
TDO
Test Data Out
60
TMS
Test Mode Select
61
TCK
Test Clock
62
DVSS
Digital Ground
63
TDI
Test Data Input
64
DVDD
Digital Power
65
RXD–
Receive Data–
66
RXD+
Receive Data+
67
AVDD
Analog Power
68
TXP–
Transmit Pre-distortion–
69
TXD–
Transmit Data–
70
TXP+
Transmit Pre-distortion+
71
TXD+
Transmit Data+
72
AVDD
Analog Power
73
XTAL1
Crystal Input
74
AVSS
Analog Ground
75
XTAL2
Crystal Output
76
NC
No Connect
77
NC
No Connect
78
NC
No Connect
79
AVSS
Analog Ground
80
NC
No Connect
81
DO–
Data Out–
82
DO+
Data Out+
83
AVDD
Analog Power
84
DI–
Data In–
85
DI+
Data In+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com