Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8421 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 9Page - NXP Semiconductors TDA8421 Datasheet HTML 10Page - NXP Semiconductors TDA8421 Datasheet HTML 11Page - NXP Semiconductors TDA8421 Datasheet HTML 12Page - NXP Semiconductors TDA8421 Datasheet HTML 13Page - NXP Semiconductors TDA8421 Datasheet HTML 14Page - NXP Semiconductors TDA8421 Datasheet HTML 15Page - NXP Semiconductors TDA8421 Datasheet HTML 16Page - NXP Semiconductors TDA8421 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
May 1988
13
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
LOUDSPEAKER CHANNEL OUTPUTS
CH1 LEFT (pin 18); CH1 RIGHT (pin 11)
Output voltage range (r.m.s. value)
at THD
≤ 0,5%
Vo(rms)
2
−−
V
Load resistance
RL
10
−−
k
Output impedance
ZO
−−
100
Noise level
weighted according to CCIR468-2
gain = 16 dB
Vn
90
−µV
gain = 0 dB
Vn
20
40
µV
gain =
≤−90 dB
Vn
15
−µV
Total harmonic distortion
(f = 20 Hz to 12,5 kHz)
for Vi(rms) = 0,5 V;
gain = + 16 dB to
−30 dB
THD
0,05
0,2
%
for Vi(rms) = 1,0 V;
gain = +2 dB to
−30 dB
THD
0,07
0,2
%
for Vi(rms) = 2,0 V;
gain =
−4 dB to −30 dB
THD
0,1
%
Channel separation at 10 kHz
gain = 0 dB
α
cr
75
dB
Ripple rejection (gain = 0 dB;
bass and treble in linear position)
fripple = 100 Hz
RR100
50
dB
Crosstalk attenuation from logic
inputs to AF outputs (gain = 0 dB;
bass and treble in linear position)
α
L
110
dB
VOLUME CONTROL
For truth table see Table 8
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com