Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL061MN Datasheet(PDF) 9 Page - STMicroelectronics

Part # TL061MN
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061MN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TL061MN Datasheet HTML 5Page - STMicroelectronics TL061MN Datasheet HTML 6Page - STMicroelectronics TL061MN Datasheet HTML 7Page - STMicroelectronics TL061MN Datasheet HTML 8Page - STMicroelectronics TL061MN Datasheet HTML 9Page - STMicroelectronics TL061MN Datasheet HTML 10Page - STMicroelectronics TL061MN Datasheet HTML 11Page - STMicroelectronics TL061MN Datasheet HTML 12Page - STMicroelectronics TL061MN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL061-TL061A-TL061B
Electrical characteristics
9/14
Parameter measurement information
Figure 15.
Voltage follower large signal pulse
response
Figure 16.
Output voltage versus elapsed time
Figure 17.
Equivalent input noise voltage
versus frequency
6
4
2
0
-2
-4
02
4
6
8
10
TIME (
μs)
-6
OUTPUT
IN PUT
=
15V
= 10k
Ω
R
L
V
CC
= 100pF
C
L
T
amb = +25˚ C
t r
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
TIME (
μs)
10%
90%
OVERSHOOT
T
amb = +25˚C
V
CC
= 15V
R
L = 10k Ω
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
80
90
100
R S = 100Ω
Tamb = +25˚ C
VCC =
15V
Figure 18.
Voltage follower
Figure 19.
Gain-of-10 inverting amplifier
-
eI
TL061
R L
C
L= 100pF
1k
Ω
10k
Ω
eo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com