Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062 Datasheet(HTML) 3 Page - STMicroelectronics

  TL062_07 Datasheet HTML 1Page - STMicroelectronics TL062_07 Datasheet HTML 2Page - STMicroelectronics TL062_07 Datasheet HTML 3Page - STMicroelectronics TL062_07 Datasheet HTML 4Page - STMicroelectronics TL062_07 Datasheet HTML 5Page - STMicroelectronics TL062_07 Datasheet HTML 6Page - STMicroelectronics TL062_07 Datasheet HTML 7Page - STMicroelectronics TL062_07 Datasheet HTML 8Page - STMicroelectronics TL062_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL062
Absolute maximum ratings and operating conditions
3/14
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TL062M, AM, BM TL062I, AI, BI
TL062C, AC, BC
VCC
Supply voltage (1)
±18
V
Vi
Input voltage (2)
±15
V
Vid
Differential input voltage(3)
±30
V
Ptot
Power dissipation
680
mW
Output short-circuit duration (4)
Infinite
Tstg
Storage temperature range
-65 to +150
-65 to +150
-65 to +150
°C
Rthja
Thermal resistance junction to
ambient(5) (6)
SO-8
DIP8
125
85
°C/W
Rthjc
Thermal resistance junction to
case(5) (6)
SO-8
DIP8
40
41
°C/W
ESD
HBM: human body model(7)
900
V
MM: machine model(8)
150
V
CDM: charged device model(9)
1.5
kV
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages
where the zero reference level is the midpoint between VCC
+ and V
CC
-.
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure
that the dissipation rating is not exceeded.
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
7.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
8.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device
with no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations with other pins floating.
9.
Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to
the ground.
Table 2.
Operating conditions
Symbol
Parameter
TL062M, AM, BM TL062I, AI, BI
TL062C, AC, BC
Unit
VCC
Supply voltage range
6 to 36
V
Toper
Operating free-air temperature range
-55 to +125
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com