Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072MD Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL072MD
Description  Low noise J-FET dual operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072MD Datasheet(HTML) 3 Page - STMicroelectronics

  TL072MD Datasheet HTML 1Page - STMicroelectronics TL072MD Datasheet HTML 2Page - STMicroelectronics TL072MD Datasheet HTML 3Page - STMicroelectronics TL072MD Datasheet HTML 4Page - STMicroelectronics TL072MD Datasheet HTML 5Page - STMicroelectronics TL072MD Datasheet HTML 6Page - STMicroelectronics TL072MD Datasheet HTML 7Page - STMicroelectronics TL072MD Datasheet HTML 8Page - STMicroelectronics TL072MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL072 - TL072A - TL072B
Schematic diagram
3/16
1
Schematic diagram
Figure 1.
Schematic diagram
Output
No n- inver ting
input
Inverting
input
V
CC
V
CC
200Ω
Ω
10 0
Ω
10 0
1.3k
1/2 TL072
30k
35k
35k
Ω
10 0
1.3k
8.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com