Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081ACN Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL081ACN
Description  GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081ACN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL081ACN Datasheet HTML 6Page - STMicroelectronics TL081ACN Datasheet HTML 7Page - STMicroelectronics TL081ACN Datasheet HTML 8Page - STMicroelectronics TL081ACN Datasheet HTML 9Page - STMicroelectronics TL081ACN Datasheet HTML 10Page - STMicroelectronics TL081ACN Datasheet HTML 11Page - STMicroelectronics TL081ACN Datasheet HTML 12Page - STMicroelectronics TL081ACN Datasheet HTML 13Page - STMicroelectronics TL081ACN Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical applications
TL081
10/14
4
Typical applications
Figure 22.
0.5Hz square wave oscillator
Figure 23.
High Q notch filter
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
-
TL0 81
1k
Ω
R
F = 100k Ω
9.1k
Ω
3.3k
Ω
+15V
-15V
3.3k
Ω
C = 3.3
μF
F
f
=
osc
1
F
2 x R
F
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com