Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS274 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS274
Description  HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS274 Datasheet HTML 2Page - STMicroelectronics TS274 Datasheet HTML 3Page - STMicroelectronics TS274 Datasheet HTML 4Page - STMicroelectronics TS274 Datasheet HTML 5Page - STMicroelectronics TS274 Datasheet HTML 6Page - STMicroelectronics TS274 Datasheet HTML 7Page - STMicroelectronics TS274 Datasheet HTML 8Page - STMicroelectronics TS274 Datasheet HTML 9Page - STMicroelectronics TS274 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TS274
6/15
4
Electrical characteristics
Table 3.
VCC
+ = +10V, V
CC
-= 0V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
TS274C/AC/BC
TS274I/AI/BI
Unit
Min
Typ
Max
Min
Typ
Max
Vio
Input Offset Voltage
VO = 1.4V, Vic = 0V
TS274C/I
TS274AC/AI
TS274B/C/I
1.1
0.9
0.25
10
5
2
1.1
0.9
0.25
10
5
2
mV
Tmin ≤ Tamb ≤ Tmax
TS274C/I
TS274AC/AI
TS274B/C/I
12
6.5
3
12
6.5
3.5
DVio
Input Offset Voltage Drift
2
2
µV/°C
Iio
Input Offset Current (1)
Vic = 5V, VO = 5V
Tmin ≤ Tamb ≤ Tmax
1
100
1
200
pA
Iib
Input Bias Current (1)
Vic = 5V, VO = 5V
Tmin ≤ Tamb ≤ Tmax
1
150
1
300
pA
VOH
High Level Output Voltage
Vid = 100mV, RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
8.2
8.1
8.4
8.2
8
8.4
V
VOL
Low Level Output Voltage
Vid = -100mV
50
50
mV
Avd
Large Signal Voltage Gain
ViC = 5V, RL = 10kΩ,
Vo = 1V to 6V
Tmin ≤ Tamb ≤ Tmax
10
7
15
10
6
15
V/mV
GBP
Gain Bandwidth Product
Av = 40dB, RL = 10kΩ,
CL = 100pF, fin = 100kHz
3.5
3.5
MHz
CMR
Common Mode Rejection
Ratio
ViC = 1V to 7.4V, Vo = 1.4V
65
80
65
80
dB
SVR
Supply Voltage Rejection
Ratio
VCC
+ = 5V to 10V, V
o = 1.4V
60
70
60
70
dB
ICC
Supply Current (per
amplifier)
Av = 1, no load, Vo = 5V
Tmin ≤ Tamb ≤ Tmax
1000 1500
1600
1000 1500
1700
µA
Io
Output Short Circuit
Current
Vo = 0V, Vid = 100mV
60
60
mA
Isink
Output Sink Current
Vo = VCC, Vid = -100mV
45
45
mA
SR
Slew Rate at Unity Gain
RL = 10kΩ, CL = 100pF,
Vi = 3 to 7V
5.5
5.5
V/
µs
φm
Phase Margin at Unity
Gain
Av = 40dB, RL = 10kΩ,
CL = 100pF
40
40
Degrees
KOV
Overshoot Factor
30
30
%
en
Equivalent Input Noise
Voltage
f = 1kHz, Rs = 100Ω
30
30
nV/
√Hz
Vo1/Vo2 Channel Separation
120
120
dB
1.
Maximum values including unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com