| Electronic Components Datasheet Search |
|
CD74HC93M Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74HC93M Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 13 page ![]() 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC to GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS CP0, CP1 0.6 MR1, MR2 0.4 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifications table, e.g. 360 µA max at 25oC. Prerequisite For Switching Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN MAX MIN MAX MIN MAX HC TYPES Maximum Clock Frequency fMAX 2 6 -5-4- MHz 4.5 30 - 24 - 20 - MHz 6 35 - 28 - 24 - MHz Clock Pulse Width CP0, CP1 tw 2 80 - 100 - 120 - ns 4.5 16 - 20 - 24 - ns 6 14-17 -20- ns CD74HC93, CD74HCT93 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |