Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS612 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics TS612 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS612
6/10
Closed Loop Gain and Phase vs. Frequency
Gain=+2, Vcc=
±6V, RL=25
Closed Loop Gain and Phase vs. Frequency
Gain=+11, Vcc=
±6V, RL=25
Maximum Output Swing
Vcc=
±6V, RL=25
Closed Loop Gain and Phase vs. Frequency
Gain=+6, Vcc=
±6V, RL=25
Equivalent Input Voltage Noise
Gain=+100, Vcc=
±6V, no load
Channel Separation (Xtalk) vs. Frequency
XTalk=20Log(V2/V1), Vcc=
±6V, RL=25
-30
-20
-10
0
10
-200
-100
0
100
200
10kHz
100kHz
1MHz
10MHz
100MHz
Frequency
Gain
Phase
-30
-20
-10
0
10
20
30
-200
-100
0
100
200
10kHz
100kHz
1MHz
10MHz
100MHz
Frequency
Gain
Phase
0
2
468
10
Time (µs)
-5
-4
-3
-2
-1
0
1
2
3
4
5
output
input
-20
-15
-10
-5
0
5
10
15
20
-200
-100
0
100
200
10kHz
100kHz
1MHz
10MHz
100MHz
Frequency
Gain
Phase
100Hz
1kHz
10kHz
100kHz
1MHz
0
5
10
15
20
_
+
100
10k
Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10kHz
100kHz
1MHz
10MHz
Frequency
100Ω
+
_
1kΩ
49.9Ω
V1
VIN
100Ω
+
_
1kΩ
49.9Ω
V2
25Ω
25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com