Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDWT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS616IDWT
Description  Dual wide band operational amplifier with high output current
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS616IDWT Datasheet HTML 19Page - STMicroelectronics TS616IDWT Datasheet HTML 20Page - STMicroelectronics TS616IDWT Datasheet HTML 21Page - STMicroelectronics TS616IDWT Datasheet HTML 22Page - STMicroelectronics TS616IDWT Datasheet HTML 23Page - STMicroelectronics TS616IDWT Datasheet HTML 24Page - STMicroelectronics TS616IDWT Datasheet HTML 25Page - STMicroelectronics TS616IDWT Datasheet HTML 26Page - STMicroelectronics TS616IDWT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TS616
Noise measurements
23/36
7
Noise measurements
The noise model is shown in Figure 62, where:
eN: input voltage noise of the amplifier
iNn: negative input current noise of the amplifier
iNp: positive input current noise of the amplifier
Figure 62.
Noise model
The closed loop gain is:
The six noise sources are:
We assume that the thermal noise of a resistance R is:
where
ΔF is the specified bandwidth.
On a 1 Hz bandwidth the thermal noise is reduced to:
where k is Boltzmann's constant, equal to 1374.10-23J/°K. T is the temperature (°K).
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
TS616
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
TS616
eN
A
V
g1
R
fb
R
g
--------
+
==
V2
iNn
R2
×
=
V5
4kTR2
=
V1
eN
1
R2
R1
--------
+
⎝⎠
⎛⎞
×
=
V3
iNp
R3
1
R2
R1
--------
+
⎝⎠
⎛⎞
×
×
=
V4
R2
R1
--------
4kTR1
×
=
V6
1
R2
R1
--------
+
⎝⎠
⎛⎞ 4kTR3
=
4kTR F
Δ
4kTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com