Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082AIYDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL082AIYDT
Description  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082AIYDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL082AIYDT Datasheet HTML 6Page - STMicroelectronics TL082AIYDT Datasheet HTML 7Page - STMicroelectronics TL082AIYDT Datasheet HTML 8Page - STMicroelectronics TL082AIYDT Datasheet HTML 9Page - STMicroelectronics TL082AIYDT Datasheet HTML 10Page - STMicroelectronics TL082AIYDT Datasheet HTML 11Page - STMicroelectronics TL082AIYDT Datasheet HTML 12Page - STMicroelectronics TL082AIYDT Datasheet HTML 13Page - STMicroelectronics TL082AIYDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical applications
TL082 -TL082A - TL082B
10/17
5
Typical applications
Figure 21.
100kHz quadruple oscillator
-
-
TL082
1/2
TL082
1/2
18pF
88.4k
Ω
18pF
88.4k
Ω
88.4k
Ω
18pF
1N 4148
1N 4148
18k
Ω *
-15V
1k
Ω
1k
Ω
18k
Ω *
+15V
6 cos
ω t
6 sin
ω t
* These resistors values may be adjusted for a symmetrical output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com