Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8440C3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8440C3
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440C3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8440C3 Datasheet HTML 3Page - NXP Semiconductors TDA8440C3 Datasheet HTML 4Page - NXP Semiconductors TDA8440C3 Datasheet HTML 5Page - NXP Semiconductors TDA8440C3 Datasheet HTML 6Page - NXP Semiconductors TDA8440C3 Datasheet HTML 7Page - NXP Semiconductors TDA8440C3 Datasheet HTML 8Page - NXP Semiconductors TDA8440C3 Datasheet HTML 9Page - NXP Semiconductors TDA8440C3 Datasheet HTML 10Page - NXP Semiconductors TDA8440C3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
November 1985
7
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
CHARACTERISTICS
Tamb =25 °C; VP = 12 V; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage
V15-4
10
−
13,2
V
Supply current (without load)
I15
−
37
50
mA
Video switch
Input coupling capacitor
C1C3
100
−−
nF
Voltage gain (times 1; SCL = L)
A3-16
−10
+ 1dB
(times 2; SCL = H)
A3-16
+ 5
+ 6
+ 7dB
Voltage gain (times 1; SCL = L)
A1-16
−10
+ 1dB
(times 2; SCL = H)
A1-16
+ 5
+ 6
+ 7dB
Input video signal amplitude (gain times 1)
V3-4
−−
4,5
V
Input video signal amplitude (gain times 1)
V1-4
−−
4,5
V
Output impedance
Z16-4
−
7
−Ω
Output impedance in ‘OFF’ state
Z16-4
100
−−
k
Ω
Isolation (off state) (fo = 5 MHz)
60
−−
dB
Signal-to-noise ratio (note 3)
S/S
+ N60
−−
dB
Output top-sync level
V16-4
2,4
2,8
3,2
V
Differential gain
G
−−
3%
Minimum crosstalk attenuation (note 2)
V16-4
60
−−
dB
Supply voltage rejection (note 4)
RR
36
−−
dB
Bandwidth (1 dB)
B
10
−−
MHz
Crosstalk attenuation for interference
caused by bus signals (source
impedance 75
Ω)
α
60
−−
dB
Audio switch a and b
Input signal level
V9-4(rms)
−−
2V
V10-4(rms)
−−
2V
V5-4(rms)
−−
2V
V7-4(rms)
−−
2V
Input impedance
Z9-4
50
100
−
k
Ω
Z10-4
50
100
−
k
Ω
Z5-4
50
100
−
k
Ω
Z7-4
50
100
−
k
Ω
Output impedance
Z12-4
−−
10
Ω
Z14-4
−−
10
Ω
Output impedance (off state)
Z14-4
100
−−
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com